Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1100-RTY1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100-RTY1
Description  Low-Power Sub- 1 GHz RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100-RTY1 Datasheet(HTML) 1 Page - Texas Instruments

  CC1100-RTY1 Datasheet HTML 1Page - Texas Instruments CC1100-RTY1 Datasheet HTML 2Page - Texas Instruments CC1100-RTY1 Datasheet HTML 3Page - Texas Instruments CC1100-RTY1 Datasheet HTML 4Page - Texas Instruments CC1100-RTY1 Datasheet HTML 5Page - Texas Instruments CC1100-RTY1 Datasheet HTML 6Page - Texas Instruments CC1100-RTY1 Datasheet HTML 7Page - Texas Instruments CC1100-RTY1 Datasheet HTML 8Page - Texas Instruments CC1100-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
CC1100
SWRS038D
Page 1 of 92
CC1100
Low-Power Sub- 1 GHz RF Transceiver
Applications
• Ultra low-power wireless applications
operating in the 315/433/868/915 MHz
ISM/SRD bands
• Wireless alarm and security systems
• Industrial monitoring and control
• Wireless sensor networks
• AMR – Automatic Meter Reading
• Home and building automation
Product Description
The
CC1100
is a low-cost sub- 1 GHz
transceiver designed for very low-power
wireless applications. The circuit is mainly
intended for the ISM (Industrial, Scientific and
Medical) and SRD (Short Range Device)
frequency bands at 315, 433, 868, and 915
MHz, but can easily be programmed for
operation at other frequencies in the 300-348
MHz, 400-464 MHz and 800-928 MHz bands.
The RF transceiver is integrated with a highly
configurable baseband modem. The modem
supports various modulation formats and has
a configurable data up to 500 kBaud.
CC1100 provides extensive hardware support
for packet handling, data buffering, burst
transmissions, clear channel assessment, link
quality indication, and wake-on-radio.
The main operating parameters and the 64-
byte transmit/receive FIFOs of
CC1100 can be
controlled via an SPI interface. In a typical
system, the
CC1100 will be used together with a
microcontroller and a few additional passive
components.
1
2
3
4
5
15
14
13
12
11
CC1100
This product shall not be used in any of the following products or systems without prior express written permission
from Texas Instruments:
(i)
implantable cardiac rhythm management systems, including without limitation pacemakers,
defibrillators and cardiac resynchronization devices,
(ii)
external cardiac rhythm management systems that communicate directly with one or more
implantable medical devices; or
(iii)
other devices used to monitor or treat cardiac function, including without limitation pressure
sensors, biochemical sensors and neurostimulators.
Please contact lpw-medical-approval@list.ti.com if your application might fall within the category described above.


Similar Part No. - CC1100-RTY1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC1100 TI-CC1100 Datasheet
857Kb / 25P
SWRU197H?밪eptember 2010?밨evised April 2014
CC1100E TI-CC1100E Datasheet
2Mb / 98P
Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz)
CC1100E TI1-CC1100E Datasheet
1Mb / 95P
Low-Power Sub-GHz RF Transceiver
CC1100E-EMK470 TI-CC1100E-EMK470 Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
More results

Similar Description - CC1100-RTY1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
Low Power Sub-1 GHz RF Transmitter
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
Low-Power Sub- 1 GHz RF Transceiver
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
Low-Power Sub-GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
Low-Power Sub-GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
logo
Semtech Corporation
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
Long Range, Low Power, sub-GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com