Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1100-RTY1 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100-RTY1
Description  Low-Power Sub- 1 GHz RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100-RTY1 Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC1100-RTY1 Datasheet HTML 58Page - Texas Instruments CC1100-RTY1 Datasheet HTML 59Page - Texas Instruments CC1100-RTY1 Datasheet HTML 60Page - Texas Instruments CC1100-RTY1 Datasheet HTML 61Page - Texas Instruments CC1100-RTY1 Datasheet HTML 62Page - Texas Instruments CC1100-RTY1 Datasheet HTML 63Page - Texas Instruments CC1100-RTY1 Datasheet HTML 64Page - Texas Instruments CC1100-RTY1 Datasheet HTML 65Page - Texas Instruments CC1100-RTY1 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
CC1100
SWRS038D
Page 62 of 92
Address
Register
Description
Details on page number
0x30 (0xF0)
PARTNUM
Part number for
CC1100
85
0x31 (0xF1)
VERSION
Current version number
85
0x32 (0xF2)
FREQEST
Frequency Offset Estimate
85
0x33 (0xF3)
LQI
Demodulator estimate for Link Quality
85
0x34 (0xF4)
RSSI
Received signal strength indication
85
0x35 (0xF5)
MARCSTATE
Control state machine state
86
0x36 (0xF6)
WORTIME1
High byte of WOR timer
86
0x37 (0xF7)
WORTIME0
Low byte of WOR timer
86
0x38 (0xF8)
PKTSTATUS
Current GDOx status and packet status
87
0x39 (0xF9)
VCO_VC_DAC
Current setting from PLL calibration
module
87
0x3A (0xFA)
TXBYTES
Underflow and number of bytes in the TX
FIFO
87
0x3B (0xFB)
RXBYTES
Overflow and number of bytes in the RX
FIFO
87
0x3C (0xFC)
RCCTRL1_STATUS
Last RC oscillator calibration result
87
0x3D (0xFD)
RCCTRL0_STATUS
Last RC oscillator calibration result
88
Table 37: Status Registers Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com