Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR14A Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LR14A
Description  LINEAR light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR14A Datasheet(HTML) 1 Page - OSRAM GmbH

  LR14A Datasheet HTML 1Page - OSRAM GmbH LR14A Datasheet HTML 2Page - OSRAM GmbH LR14A Datasheet HTML 3Page - OSRAM GmbH LR14A Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LINEARlight ADVANCED LR14A – 10.04.2012
Seite 1 von 4
www.osram.de/LED-Systeme
LINEARlight ADVANCED - LR14A
preliminary Datasheet
Technical Operating Data
 Metal core board equipped with 14 LEDs
 Luminous flux 1400 lm/m
 SMD-4 plug connector (male/female) on both
sides of the PCB
 Consistent white light < 3 SDCM
 Color rendering Ra typ. 85
 Mounting holes for simple fixing with M3 screws
 Dimmable
 Seamless concept with up to 10 modules in series
 Lifetime 50.000 h @L70 @t
cmax 65°C
 Best efficacy in combination with OSRAM
OPTOTRONIC® control gears
 Operation only with constant voltage control gears
(see page 2 for recommendations)
 With optional accessory upgrade to individual overall
modules possible (see page 4)
Technical Features
Product benefits
 Broad portfolio (Eco, Advanced, Power) with the same
form factor offering high variety in luminous flux and color
temperatures while being simply exchangeable
 Modules can be joined together in series to make
seamless strip lighting, without any further accessory
 Intermateable with LINEARlight Power and ECO
 Low maintenance costs thanks to a life of up to 50k hours
 Module efficiency up to 85 lm/W
Applications
 Shelf, cabinet & undercabinet lighting
Product
Color
Number
of LEDs
Voltage
[V DC]*
Power
[W]*
Radiance
Angle [°]*
Color Temp.
[K]*
Lum. Flux
[lm]
LR14A-W2F-830
Weiß
14
24
4.7
120
3000
400
LR14A-W2F-840
Weiß
14
24
4.7
120
4000
400
All Data are related to the entire module.
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures
and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data
*) Preliminary Data


Similar Part No. - LR14A

ManufacturerPart #DatasheetDescription
logo
Energizer
LR14 ENERGIZER-LR14 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
logo
Seoul Semiconductor
LR140Z SEOUL-LR140Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LR141 SEOUL-LR141 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR141 SEOUL-LR141 Datasheet
360Kb / 13P
CYAN LAMP LED
LR141 SEOUL-LR141 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR14A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
Linear Output Type OPIC Light Detector
IS474 SHARP-IS474 Datasheet
66Kb / 5P
Linear Output Type OPIC Light Detector
IS445 SHARP-IS445 Datasheet
66Kb / 2P
LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
OPIC??Linear Output Ambient Light Sensor
logo
List of Unclassifed Man...
98000 ETC2-98000 Datasheet
596Kb / 2P
LED Light Engine, 11??Linear Module
98010 ETC2-98010 Datasheet
642Kb / 2P
LED Light Engine, 22.7??Narrow Linear Module
98026 ETC2-98026 Datasheet
615Kb / 2P
LED Light Engine, 23??Linear Module
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Shaanxi Reactor Micro...
RM9001A_30W REACTOR-RM9001A_30W Datasheet
302Kb / 2P
High-voltage linear 220V/30W flood light solution
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com