Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR14A Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LR14A
Description  LINEAR light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR14A Datasheet(HTML) 2 Page - OSRAM GmbH

  LR14A Datasheet HTML 1Page - OSRAM GmbH LR14A Datasheet HTML 2Page - OSRAM GmbH LR14A Datasheet HTML 3Page - OSRAM GmbH LR14A Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LINEARlight ADVANCED LR14A – 10.04.2012
Seite 2 von 4
www.osram.de/LED-Systeme
Product
Operating Temperature
at Tc-Point [C°]*
Storage Temperature
[C°]*
Voltage Range
[V dc]*
Reverse Voltage
[V dc]*
LR14A-W2F-830
-30 … 65
-30 … 90
23 … 25
25
LR14A-W2F-840
-30 ... 65
-30 … 90
23 … 25
25
Minimum and Maximum Ratings
*) Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module.
Exceeding maximum ratings for operating current will cause hazardous overload and will likely destroy the LED Module.
The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a
temperature sensor or a temperature sensitive label. For exact location of the Tc-point see drawing below.
Drawing
* Under preparation
1400 - 2800 mm
2000 - 4000 lm
5 - 10 modules
OT75 (E)
200-240/24
1400 - 2800 mm
2000 - 4000 lm
5 - 10 modules
OTi Dali 75
220-240/24
Length
Luminous flux
4,7 W
Power
1400
lm/m
1400 - 2520 mm
2000 - 3600 lm
560 - 1120 mm
200 - 600 lm
280 mm
400 lm
5 - 9 modules
2 - 4 modules
1 module
LINEARlight
Advanced
OT50*
200-240/24
OT20 (S)
200-240/24
OT8
200-240/24
LED Module
1400 - 2800 mm
2000 - 4000 lm
5 - 10 modules
OT75 (E)
200-240/24
1400 - 2800 mm
2000 - 4000 lm
5 - 10 modules
OTi Dali 75
220-240/24
Length
Luminous flux
4,7 W
Power
1400
lm/m
1400 - 2520 mm
2000 - 3600 lm
560 - 1120 mm
200 - 600 lm
280 mm
400 lm
5 - 9 modules
2 - 4 modules
1 module
LINEARlight
Advanced
OT50*
200-240/24
OT20 (S)
200-240/24
OT8
200-240/24
LED Module
System recommendation OPTOTRONIC
System recommendation Light Management Systems
10 modules
OTi DALI DIM LI
3x10 modules
OT DMX 3x2.5A
DIM
9x7 modules
OT DMX 9x2A DIM
SO
4,7 W
Power
1400
lm/m
10 modules
10 modules
LINEARlight
Advanced
OTi DALI DIM
OT DIM
LED Module
10 modules
OTi DALI DIM LI
3x10 modules
OT DMX 3x2.5A
DIM
9x7 modules
OT DMX 9x2A DIM
SO
4,7 W
Power
1400
lm/m
10 modules
10 modules
LINEARlight
Advanced
OTi DALI DIM
OT DIM
LED Module
Driver
Tc
D
R
l
2
l
3
l
280 mm
b
20 mm
h
2 mm
l
1
20 mm
l
2
160 mm
l
3
60 mm
R
1,4+0,2 mm
D
3.2 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com