Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR14A Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LR14A
Description  LINEAR light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR14A Datasheet(HTML) 3 Page - OSRAM GmbH

  LR14A Datasheet HTML 1Page - OSRAM GmbH LR14A Datasheet HTML 2Page - OSRAM GmbH LR14A Datasheet HTML 3Page - OSRAM GmbH LR14A Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LINEARlight ADVANCED LR14A – 10.04.2012
Seite 3 von 4
www.osram.de/LED-Systeme
 Installation of LED modules (with power supplies) needs to be made with regard to all applicable electrical
and safety standards. Only qualified personnel should be allowed to perform installations.
 Observe correct polarity!
Depending on the product incorrect polarity will lead to emission of red or no light. The module can be
destroyed! Correct polarity immediatelly! (see "reverse voltage", page 2).
 Parallel connection is highly recommended as safe electrical operation mode. Serial connection is not
recommended. Unbalanced voltage drop can cause hazardous overload and damage the LED module.
 Pay attention to ESD steps when mounting the module.
 Use only LR-4PIN CONNECTsystem for electrical installation. Three types of connectors are available:
LR-4PIN - Feeder with 500 mm cable length. LR-4CONN-45 - Connector for through wiring with 45 mm cable
length. LR-4CONN-250 - Connector for through wiring with 250 mm cable length.
 The LED module can typically survive levels of up to 4 Amperes. As a general design precaution, if the
maximum output current of th power supply is more than 4 Amperes, fast-blow fuses should be incorporated
into the wiring plan.
 Electrical contact is achieved with the contact cables. A maximum number of 10 modules can be installed
consecutively from one power feed. Operation with more than 10 consecutive modules will reduce
photometric performance and exceed the current carrying capacity of the module.
 Installation of up-to 14 modules on one OPTOTRONIC® 75W has to be realised by either feeding the power
to the centre or by splitting the power feed to contact groups of the maximum allowed number of modules
in-line.
 The module, as manufactured, has no conformal coating and therefore offers no inherent protection against
corrosion.
 Damage by corrosion will not be honored as a materials defect claim. It is the user's responsibility to provide
suitable protection against corrosive agents such as moisture and condensation and other harmful elements.
 If the IP rating of the fixture should be higher than IP20, the design of the housing should be according to the
IP standards in the application.
Safety Information
In order to drive OSRAM LED-Modules safely, it is absolutely necessary to operate them with an electronically
stabilised power supply protecting against short circuits, overload and overheating.
To also ease the luminaire/installation approval, electronic control gear for LED or LED modules should carry the CE mark
and be ENEC certified. In Europe the declarations of conformity must include the following standards:
CE: EC 61347-2-13, EN 55015, IEC 61547 and IEC 61000-3-2 - ENEC: 61347-2-13 and IEC/EN 62384.
Also check for the mark of an independent authorized certification institute.
Please see the relevant brochure for more detailed information (see "Related and Further Information").
OSRAM OPTOTRONIC® electronic control gear complies to all relevant standards and guarantees safe operation.
 The LED module itself and all its components must not be mechanically stressed.
 The mounting of the module has to be done on a metal heat sink. Please find matching LINEARlight Track at
page 4 (Ordering guide).
 Assembly must not damage or destroy conducting paths on the circuit board.
 To avoid mechanical damage to the connecting cables, the module should be attached securely to the
intended substrate. Heavy vibration should be avoided.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com