Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12CTQ Datasheet(PDF) 3 Page - International Rectifier

Part # 12CTQ
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CTQ Datasheet(HTML) 3 Page - International Rectifier

  12CTQ Datasheet HTML 1Page - International Rectifier 12CTQ Datasheet HTML 2Page - International Rectifier 12CTQ Datasheet HTML 3Page - International Rectifier 12CTQ Datasheet HTML 4Page - International Rectifier 12CTQ Datasheet HTML 5Page - International Rectifier 12CTQ Datasheet HTML 6Page - International Rectifier 12CTQ Datasheet HTML 7Page - International Rectifier 12CTQ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
12CTQ... Series
3
Bulletin PD-20554 rev. B 07/01
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
0.00 01
0.0 01
0.01
0.1
1
10
10 0
0
5
1 0
1 5
20
2 5
30
3 5
40
45
R
T = 175 C
150 C
125 C
100 C
75 C
50 C
25 C
J
Re ve rse V olta g e - V
(V )
100
10 0 0
0
1 0
2 0
304 050
T = 25 C
J
R
Re verse Voltag e - V (V )
0.0 01
0.0 1
0.1
1
10
0.0 00 0 1
0.0 00 1
0 .0 0 1
0.0 1
0 .1
1
1 0
1 0 0
t
, R ectangula r Pulse Dura tio n (Sec o nds)
Sin gle P ulse
(Therm a l Resistanc e)
1
1
2
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
J
DM
thJ C
C
2
t
1
t
P
DM
1
2
Note s:
1. Duty fac tor D = t / t
2. Pe ak T = P
x Z
+ T
Forward Voltage Drop - V
FM (V)
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Tj = 175˚C
Tj = 125˚C
Tj = 25˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com