Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12CTQ Datasheet(PDF) 4 Page - International Rectifier

Part # 12CTQ
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CTQ Datasheet(HTML) 4 Page - International Rectifier

  12CTQ Datasheet HTML 1Page - International Rectifier 12CTQ Datasheet HTML 2Page - International Rectifier 12CTQ Datasheet HTML 3Page - International Rectifier 12CTQ Datasheet HTML 4Page - International Rectifier 12CTQ Datasheet HTML 5Page - International Rectifier 12CTQ Datasheet HTML 6Page - International Rectifier 12CTQ Datasheet HTML 7Page - International Rectifier 12CTQ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12CTQ... Series
4
Bulletin PD-20554 rev. B 07/01
www.irf.com
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
024
68
10
DC
F(A V)
RM S Lim it
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
A ve ra g e Forw ard C urren t - I
(A)
15 0
15 5
16 0
16 5
17 0
17 5
024
68
10
DC
F(A V)
see n ote (2)
Sq ua re wa ve (D = 0.50)
80% Ra te d V
a p p lied
R
A ve ra g e Forw ard C urre n t - I
(A )
100
10 0 0
10
1 0 0
1 00 0
10 0 00
p
Sq uare W ave Pulse D uration - t
(m ic rose c )
At An y Rate d Load C ond ition
An d W ith Rate d V
A pp lie d
Follow in g Surg e
RRM
FR EE-W HE EL
D IO D E
40H FL40S02
CUR RE N T
MO N ITO R
HIG H -SPE ED
SW ITC H
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 V olt
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com