Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12CTQ Datasheet(PDF) 1 Page - International Rectifier

Part # 12CTQ
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CTQ Datasheet(HTML) 1 Page - International Rectifier

  12CTQ Datasheet HTML 1Page - International Rectifier 12CTQ Datasheet HTML 2Page - International Rectifier 12CTQ Datasheet HTML 3Page - International Rectifier 12CTQ Datasheet HTML 4Page - International Rectifier 12CTQ Datasheet HTML 5Page - International Rectifier 12CTQ Datasheet HTML 6Page - International Rectifier 12CTQ Datasheet HTML 7Page - International Rectifier 12CTQ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCHOTTKY RECTIFIER
12 Amp
12CTQ...
12CTQ...S
12CTQ... -1
www.irf.com
1
Bulletin PD-20554 rev. B 07/01
Major Ratings and Characteristics
I
F(AV) Rectangular
12
A
waveform
V
RRM range
35 to 45
V
I
FSM @ tp = 5 µs sine
690
A
V
F
@6 Apk, T
J = 125°C
0.53
V
(per leg)
T
J
range
- 55 to 175
°C
Characteristics
12CTQ
Units
Description/ Features
The 12CTQ center tap Schottky rectifier series has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation up
to 175° C junction temperature. Typical applications are in
switching power supplies, converters, free-wheeling diodes,
and reverse battery protection.
175° C T
J operation
Center tap TO-220 package
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Case Styles
12CTQ...
12CTQ... S
12CTQ... -1
TO-220
D2PAK
IF(AV) = 12Amp
VR = 35 to 45V
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 12CTQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 6 A
06-Oct-08
logo
International Rectifier
12CTQ030 IRF-12CTQ030 Datasheet
181Kb / 4P
12 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
SMC Diode Solutions Co....
12CTQ030 SMCDIODE-12CTQ030 Datasheet
377Kb / 6P
SCHOTTKY RECTIFIER
Rev. B
logo
Microsemi Corporation
12CTQ035 MICROSEMI-12CTQ035 Datasheet
151Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
International Rectifier
12CTQ035 IRF-12CTQ035 Datasheet
181Kb / 4P
12 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
More results

Similar Description - 12CTQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com