Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16RIA Datasheet(PDF) 4 Page - International Rectifier

Part # 16RIA
Description  MEDIUM POWER THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16RIA Datasheet(HTML) 4 Page - International Rectifier

  16RIA Datasheet HTML 1Page - International Rectifier 16RIA Datasheet HTML 2Page - International Rectifier 16RIA Datasheet HTML 3Page - International Rectifier 16RIA Datasheet HTML 4Page - International Rectifier 16RIA Datasheet HTML 5Page - International Rectifier 16RIA Datasheet HTML 6Page - International Rectifier 16RIA Datasheet HTML 7Page - International Rectifier 16RIA Datasheet HTML 8Page - International Rectifier 16RIA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
16RIA Series
Bulletin I2404 rev. A 07/00
4
www.irf.com
T
J
Max. operating temperature range
- 65 to 125
° C
T
stg
Max. storage temperature range
- 65 to 125
° C
R
thJC
Max. thermal resistance,
0.86
K/W
DC operation
junction to case
R
thCS Max. thermal resistance,
0.35
K/W
Mounting surface, smooth, flat and greased
case to heatsink
T
Mounting torque
to nut
to device
20(27.5)
25
lbf-in
Lubricated threads
0.23(0.32)
0.29
kgf.m
(Non-lubricated threads)
2.3(3.1)
2.8
Nm
Case style
TO-208AA (TO-48)
See Outline Table
Parameter
16RIA
Units Conditions
Thermal and Mechanical Specification
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)
180°
0.21
0.15
K/W
T
J = TJ max.
120°
0.25
0.25
90°
0.31
0.34
60°
0.45
0.47
30°
0.76
0.76
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
Ordering Information Table
1
16
RIA 160
M
S90
Device Code
4
3
2
1
-
Current code
2
-
Essential part number
3
-
Voltage code: Code x 10 = V
RRM (See Voltage Rating Table)
4
-
None = Stud base TO-208AA (TO-48) 1/4" 28UNF-2A
M
= Stud base TO-208AA (TO-48) M6 X 1
5
-
Critical dv/dt: None = 300V/µs (Standard value)
S90 = 1000V/µs (Special selection)
5
wt
Approximate weight
14 (0.49)
g (oz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com