Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16RIA Datasheet(PDF) 1 Page - International Rectifier

Part # 16RIA
Description  MEDIUM POWER THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16RIA Datasheet(HTML) 1 Page - International Rectifier

  16RIA Datasheet HTML 1Page - International Rectifier 16RIA Datasheet HTML 2Page - International Rectifier 16RIA Datasheet HTML 3Page - International Rectifier 16RIA Datasheet HTML 4Page - International Rectifier 16RIA Datasheet HTML 5Page - International Rectifier 16RIA Datasheet HTML 6Page - International Rectifier 16RIA Datasheet HTML 7Page - International Rectifier 16RIA Datasheet HTML 8Page - International Rectifier 16RIA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MEDIUM POWER THYRISTORS
Stud Version
16RIA SERIES
16A
Bulletin I2404 rev. A 07/00
1
www.irf.com
16RIA
10 to 120
140 to 160
I
T(AV)
16
16
A
@ T
C
85
85
°C
I
T(RMS)
35
35
A
I
TSM
@50Hz
340
225
A
@ 60Hz
360
235
A
I2t@50Hz
574
255
A2s
@ 60Hz
524
235
A2s
V
DRM/VRRM
100 to 1200
1400 to 1600
V
tq
typical
110
µs
T
J
- 65 to 125
°C
Parameters
Units
Typical Applications
Medium power switching
Phase control applications
Can be supplied to meet stringent military,
aerospace and other high-reliability requirements
Major Ratings and Characteristics
Case Style
TO-208AA (TO-48)
Features
Improved glass passivation for high reliability
and exceptional stability at high temperature
High di/dt and dv/dt capabilities
Standard package
Low thermal resistance
Metric threads version available
Types up to 1600V V
DRM/ VRRM


Similar Part No. - 16RIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16RIA VISHAY-16RIA Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 16 A
19-Sep-08
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
Medium Power Phase Control Thyristors
logo
Vishay Siliconix
16RIA10 VISHAY-16RIA10 Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 16 A
19-Sep-08
16RIA100 VISHAY-16RIA100 Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 16 A
19-Sep-08
16RIA100M VISHAY-16RIA100M Datasheet
151Kb / 8P
Medium Power Thyristors (Stud Version), 16 A
19-Sep-08
More results

Similar Description - 16RIA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
MEDIUM POWER THYRISTORS
25RIA IRF-25RIA Datasheet
234Kb / 9P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
MEDIUM POWER THYRISTORS
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
Medium Power Thyristors
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
Medium Power Thyristors
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
Medium Power Thyristors
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
Medium Power Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com