Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16RIA Datasheet(PDF) 8 Page - International Rectifier

Part # 16RIA
Description  MEDIUM POWER THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16RIA Datasheet(HTML) 8 Page - International Rectifier

  16RIA Datasheet HTML 1Page - International Rectifier 16RIA Datasheet HTML 2Page - International Rectifier 16RIA Datasheet HTML 3Page - International Rectifier 16RIA Datasheet HTML 4Page - International Rectifier 16RIA Datasheet HTML 5Page - International Rectifier 16RIA Datasheet HTML 6Page - International Rectifier 16RIA Datasheet HTML 7Page - International Rectifier 16RIA Datasheet HTML 8Page - International Rectifier 16RIA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
16RIA Series
Bulletin I2404 rev. A 07/00
8
www.irf.com
Fig. 12 - Maximum Non-Repetitive Surge Current
Fig. 13 - Maximum Non-Repetitive Surge Current
Fig. 14 - Forward Voltage Drop Characteristics
Fig. 11 - On-state Power Loss Characteristics
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
2 K
/W
3.5
K/W
2.5
K/W
5 K/W
7 K/W
10 K/W
0
5
10
15
20
25
30
35
40
0
4
8
12
1620
2428
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
16RIA Series
(1400 to 1600V)
T = 125°C
J
80
100
120
140
160
180
200
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
16RIA Series
(1400 to 1600V)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
75
100
125
150
175
200
225
250
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
16RIA Series
(1400 to 1600V)
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
1
10
100
1000
0.51 1.5 2 2.53
3.54 4.5 5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
16RIA Series
(1400 to 1600V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com