Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR21P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LR21P
Description  LINEARlight POWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR21P Datasheet(HTML) 1 Page - OSRAM GmbH

  LR21P Datasheet HTML 1Page - OSRAM GmbH LR21P Datasheet HTML 2Page - OSRAM GmbH LR21P Datasheet HTML 3Page - OSRAM GmbH LR21P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LINEARlight POWER LR21P
– 10.04.2012
Seite 1 von 4
www.osram.de/LED-Systeme
LINEARlight POWER – LR21P
preliminary Datasheet
Technical Operating Data
 Metal core board equipped with 21 LEDs
 Luminous flux 2250 lm/m
 SMD-4 plug connector (male/female) on both
sides of the PCB
 Consistent white light < 3 SDCM
 Color rendering Ra typ. 85
 Mounting holes for simple fixing with M3 screws
 Dimmable
 Seamless concept with up to 6 modules in series
 Lifetime 50.000 h @L70 @t
cmax 65°C
 Best efficacy in combination with OSRAM
OPTOTRONIC® 24V control gears
 Operation only with constant voltage control gears
(see page 2 for recommendations)
 With optional accessory upgrade to individual overall
modules possible (see page 4)
Technical Features
Product benefits
 Broad portfolio (Eco, Advanced, Power) with the same
form factor offering high variety in luminous flux and color
temperatures while being simply exchangeable
 Modules can be joined together in series to make
seamless strip lighting, without any further accessory
 Intermateable with LINEARlight Advanced and ECO
 Low maintenance costs thanks to a life of up to 50k hours
 Module efficiency up to 80 lm/W
Applications
 General lighting
 Cove lighting
Product
Color
Number
of LEDs
Voltage
[V DC]*
Power
[W]*
Radiance
Angle [°]*
Color Temp.
[K]*
Lum. Flux
[lm]
LR21P-W2F-830
Weiß
21
24
8
120
3000
630
LR21P-W2F-840
Weiß
21
24
8
120
4000
630
All Data are related to the entire module
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures
and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data
*) Preliminary Data


Similar Part No. - LR21P

ManufacturerPart #DatasheetDescription
logo
Weller Tools
LR21 WELLER-LR21 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
logo
Seoul Semiconductor
LR211 SEOUL-LR211 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR211 SEOUL-LR211 Datasheet
360Kb / 13P
CYAN LAMP LED
LR211 SEOUL-LR211 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR211 SEOUL-LR211 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR21P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
LINEARlight Flex
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
LINEARlight Colormix Flex
logo
List of Unclassifed Man...
70218 ETC2-70218 Datasheet
339Kb / 4P
LINEARlight Colorpod XB
logo
OSRAM GmbH
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
LINEARLIGHT FLEX ECO
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
LINEARlight POWER Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
LR14E OSRAM-LR14E Datasheet
89Kb / 4P
LINEARlight ECO
LR18CP OSRAM-LR18CP Datasheet
149Kb / 4P
LINEARlight Colormix Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com