Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR21P Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LR21P
Description  LINEARlight POWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR21P Datasheet(HTML) 2 Page - OSRAM GmbH

  LR21P Datasheet HTML 1Page - OSRAM GmbH LR21P Datasheet HTML 2Page - OSRAM GmbH LR21P Datasheet HTML 3Page - OSRAM GmbH LR21P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LINEARlight POWER LR21P
– 10.04.2012
Seite 2 von 4
www.osram.de/LED-Systeme
Product
Operating Temperature
at Tc-Point [C°]*
Storage Temperature
[C°]*
Voltage Range
[V dc]*
Reverse Voltage
[V dc]*
LR121P-W2F-830
-
30 … 65
-
30 … 90
23 … 25
25
LR21P-W2F-840
-30 ... 65
-
30 … 90
23 … 25
25
Minimum and Maximum Ratings
*) Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module.
Exceeding maximum ratings for operating current will cause hazardous overload and will likely destroy the LED Module.
The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a
temperature sensor or a temperature sensitive label. For exact location of the Tc-point see drawing below.
Drawing
* Under preparation
Driver
840 - 1680 mm
1890 - 3780 lm
3 - 6 modules
OT75 (E)
200-240/24
840 - 1680 mm
1890 - 3780 lm
3 - 6 modules
OTi Dali 75
220-240/24
7,8 W
Power
2250
lm/m
840 - 1400 mm
1890 - 3150 lm
560 mm
1260 lm
280 mm
630 lm
3 - 5 modules
2 modules
1 module
LINEARlight
POWER
OT50*
200-240/24
OT20 (S)
200-240/24
OT8
200-240/24
LED Module
840 - 1680 mm
1890 - 3780 lm
3 - 6 modules
OT75 (E)
200-240/24
840 - 1680 mm
1890 - 3780 lm
3 - 6 modules
OTi Dali 75
220-240/24
7,8 W
Power
2250
lm/m
840 - 1400 mm
1890 - 3150 lm
560 mm
1260 lm
280 mm
630 lm
3 - 5 modules
2 modules
1 module
LINEARlight
POWER
OT50*
200-240/24
OT20 (S)
200-240/24
OT8
200-240/24
LED Module
System recommendation OPTOTRONIC
6 modules
OTi DALI DIM LI
3x6 modules
OT DMX 3x2.5A
DIM
9x4 modules
OT DMX 9x2A DIM
SO
7,8 W
Power
2250
lm/m
6 modules
6 modules
LINEARlight
POWER
OTi DALI DIM
OT DIM
LED Module
6 modules
OTi DALI DIM LI
3x6 modules
OT DMX 3x2.5A
DIM
9x4 modules
OT DMX 9x2A DIM
SO
7,8 W
Power
2250
lm/m
6 modules
6 modules
LINEARlight
POWER
OTi DALI DIM
OT DIM
LED Module
System recommendation Light Management Systems
Tc
l
2
l
280 mm
b
20 mm
h
2 mm
l
1
13.3 mm
l
2
160 mm
l
3
67 mm
R
1,4+0,2 mm
D
3.2 mm
D
R
l
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com