Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR21P Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LR21P
Description  LINEARlight POWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR21P Datasheet(HTML) 4 Page - OSRAM GmbH

  LR21P Datasheet HTML 1Page - OSRAM GmbH LR21P Datasheet HTML 2Page - OSRAM GmbH LR21P Datasheet HTML 3Page - OSRAM GmbH LR21P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LINEARlight POWER LR21P
– 10.04.2012
Seite 4 von 4
www.osram.de/LED-Systeme
Product group
Product
EAN*
S-Unit*
LINEARlight POWER
LR21P-W2F-830
4008321 971470
8
LINEARlight POWER
LR121P-W2F-840
4008321 971494
8
CONNECTsystem feeder
LR-4PIN-500
4008321 971852
16
CONNECTsystem
LR-4CONN-45
4008321 971814
16
CONNECTsystem
LR-4CONN-250
4008321 994400
16
LINEARlight Track
LT-280
4008321 975966
8
LINEARlight Track
LT-560
4008321 975980
8
LINEARlight Track end caps
LT-ENDCAP
4008321 976109
16
LINEARlight Track Mounting bracket
LT-MB
4008321 994424
16
Optic Tray
OTR-280-LR21P
4008321 976062
8
Optic 30°
OPLR1x1-30
4008321 976000
140
Optic 80°
OPLR1x1-80
4008321 976024
140
Optic 20°x 50°
OPLR1x1-20x50
4008321 976048
140
Ordering Guide
Sales and Technical Support
*) EAN: Ordering number per single module; S-Unit: Modules per shipping unit
Note: Typical performance data are subject to change without any further notice, particularly as LED technology evolves.
Related and Further Information
 A new approach to light
153 S006 GB
 OSRAM LED Systeme
www.osram.de/led-systeme
 OPTOTRONIC® Technical Guide
130 T008 DE www.osram.de/evg-downloads
 OPTOTRONIC® Data sheets
http://catalog.myosram.com
OSRAM AG
Hellabrunner Strasse 1
D - 81536 München Germany
www.osram.com
+49 (0)89 6213-0
Sales and technical support is given by the local
OSRAM subsidiaries.
On our world wide homepage all OSRAM
subsidiaries are listed with complete address
and phone numbers.
 Eulumdat Files
www.osram.de/led-systeme-downloads
 New standards for LED control gear
www.osram.de/evg-downloads
Assembly Information
 The mounting of the module has to be done on a metal heat sink
 In order to optimize the thermal management the metal surface needs to be clean (dirt and oil free) and
planar for the best contact with the LED module.
 To connect one module, the feeder LR-4PIN-500 must be plugged in the "INPUT" side of the module.
for two or more modules, the "OUTPUT"-side of the first module must be connected with the "INPUT"-side
of following module via LR-4CONN-45 / -250. Please connect more boards as described above.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com