Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7616EB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7616EB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7616EB Datasheet(HTML) 2 Page - Texas Instruments

  DAC7616EB Datasheet HTML 1Page - Texas Instruments DAC7616EB Datasheet HTML 2Page - Texas Instruments DAC7616EB Datasheet HTML 3Page - Texas Instruments DAC7616EB Datasheet HTML 4Page - Texas Instruments DAC7616EB Datasheet HTML 5Page - Texas Instruments DAC7616EB Datasheet HTML 6Page - Texas Instruments DAC7616EB Datasheet HTML 7Page - Texas Instruments DAC7616EB Datasheet HTML 8Page - Texas Instruments DAC7616EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
DAC7616
SBAS186
SPECIFICATIONS
At TA = –40°C to +85°C, VDD = +3V, VREFH = +1.25V, and VREFL = 0V, unless otherwise noted.
T Specification same as DAC7616E, U.
NOTES: (1) Specification applies at code 00AH and above. (2) LSB means Least Significant Bit, with VREFH equal to +1.25V and VREFL equal to 0V, one LSB
is 0.305mV. (3) All DAC outputs will match within the specified error band. (4) Ideal output voltage does not take into account zero or full-scale error.
DAC7616E, U
DAC7616EB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
±2
±1
LSB(2)
Linearity Matching(3)
±2
±1
LSB
Differential Linearity Error
±1
±1
LSB
Monotonicity
12
T
Bits
Zero-Scale Error
Code = 00AH
±2.4
T
mV
Zero-Scale Drift
510
TT
ppm/
°C
Zero-Scale Matching(3)
±1
±2
T
±1.2
mV
Full-Scale Error
Code = FFFH
±2.4
T
mV
Full-Scale Matching(3)
±1
±2
T
±1.2
mV
Power Supply Rejection
30
T
ppm/V
ANALOG OUTPUT
Voltage Output(4)
VREFL
VREFH
TT
V
Output Current
–625
+625
TT
µA
Load Capacitance
No Oscillation
100
T
pF
Short-Circuit Current
+8, –2
T
mA
Short-Circuit Duration
Indefinite
T
REFERENCE INPUT
VREFH Input Range
0
+1.25
TT
V
VREFL Input Range
0
T
V
DYNAMIC PERFORMANCE
Settling Time
To
±0.012%
5
10
TT
µs
Channel-to-Channel Crosstalk
Full-Scale Step
0.1
T
LSB
On Any Other DAC
Output Noise Voltage
Bandwidth: 0Hz to 1MHz
65
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels
VIH
| IIH | ≤ 10µAVDD • 0.7
VDD
TT
V
VIL
| IIL | ≤ 10µA
–0.3
VDD • 0.3
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
3.0
3.3
3.6
TT
T
V
IDD
0.8
1
TT
mA
Power Dissipation
2.4
3
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com