Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7616EB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7616EB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7616EB Datasheet(HTML) 1 Page - Texas Instruments

  DAC7616EB Datasheet HTML 1Page - Texas Instruments DAC7616EB Datasheet HTML 2Page - Texas Instruments DAC7616EB Datasheet HTML 3Page - Texas Instruments DAC7616EB Datasheet HTML 4Page - Texas Instruments DAC7616EB Datasheet HTML 5Page - Texas Instruments DAC7616EB Datasheet HTML 6Page - Texas Instruments DAC7616EB Datasheet HTML 7Page - Texas Instruments DAC7616EB Datasheet HTML 8Page - Texas Instruments DAC7616EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DAC7616
Quad, Serial Input, 12-Bit, Voltage Output
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q LOW POWER: 3mW
q SETTLING TIME: 10
µs to 0.012%
q 12-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q USER SELECTABLE RESET TO MID-
SCALE OR ZERO-SCALE
q SECOND-SOURCE for DAC8420
q SO-16 or SSOP-20 PACKAGES
q SINGLE SUPPLY +3V OPERATION
APPLICATIONS
q ATE PIN ELECTRONICS
q PROCESS CONTROL
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
q DAC-PER-PIN PROGRAMMERS
DESCRIPTION
The DAC7616 is a quad, serial input, 12-bit, voltage
output Digital-to-Analog Converter (DAC) with guar-
anteed 12-bit monotonic performance over the –40
°C
to +85
°C temperature range. An asynchronous reset
clears all registers to either mid-scale (800H) or zero-
scale (000H), selectable via the RESETSEL pin. The
device is powered from a single +3V supply.
Low power and small size makes the DAC7616 ideal
for process control, data acquisition systems, and
closed-loop servo-control. The device is available in
SO-16 or SSOP-20 packages, and is guaranteed over
the –40
°C to +85°C temperature range.
DAC A
DAC
Register A
DAC B
DAC
Register B
DAC C
DAC
Register C
DAC D
DAC
Register D
VREFH
VDD
AGND
VOUTD
VOUTC
VOUTB
VOUTA
VREFL
GND
CLK
CS
12
SDI
RESET
RESETSEL
LDAC
Serial-to-
Parallel
Shift
Register
DAC
Select
DAC7616
®
DAC7616
Copyright © 2001, Texas Instruments Incorporated
SBAS186
Printed in U.S.A. February, 2001
www.ti.com


Similar Part No. - DAC7616EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7616EB BURR-BROWN-DAC7616EB Datasheet
292Kb / 13P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616EB TI2-DAC7616EB Datasheet
408Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
23-May-2025
DAC7616EB.A TI2-DAC7616EB.A Datasheet
408Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
23-May-2025
logo
Burr-Brown (TI)
DAC7616EB/1K BURR-BROWN-DAC7616EB/1K Datasheet
292Kb / 13P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7616EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com