Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7616EB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7616EB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7616EB Datasheet(HTML) 4 Page - Texas Instruments

  DAC7616EB Datasheet HTML 1Page - Texas Instruments DAC7616EB Datasheet HTML 2Page - Texas Instruments DAC7616EB Datasheet HTML 3Page - Texas Instruments DAC7616EB Datasheet HTML 4Page - Texas Instruments DAC7616EB Datasheet HTML 5Page - Texas Instruments DAC7616EB Datasheet HTML 6Page - Texas Instruments DAC7616EB Datasheet HTML 7Page - Texas Instruments DAC7616EB Datasheet HTML 8Page - Texas Instruments DAC7616EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
DAC7616
SBAS186
PIN CONFIGURATION—U Package
Top View
SO
PIN DESCRIPTIONS—U Package
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +3V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum
output voltage for all DACs.
5VREFH
Reference Input Voltage High. Sets maximum
output voltage for all DACs.
6VOUTB
DAC B Voltage Output
7VOUTA
DAC A Voltage Output
8
AGND
Analog Ground
9
GND
Ground
10
SDI
Serial Data Input
11
CLK
Serial Data Clock
12
CS
Chip Select Input
13
NIC
Not Internally Connected.
14
LDAC
The selected DAC register becomes transparent
when LDAC is LOW. It is in the latched state
when LDAC is HIGH.
15
RESET
Asynchronous Reset Input. Sets all DAC
registers to either zero-scale (000H) or mid-
scale (800H) when LOW. RESETSEL determines
which code is active.
16
RESETSEL
When LOW, a LOW on RESET will cause all
DAC registers to be set to code 000H. When
RESETSEL is HIGH, a LOW on RESET will set
the registers to code 800H.
PIN CONFIGURATION—E Package
Top View
SSOP
PIN DESCRIPTIONS—E Package
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +3V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum
output voltage for all DACs.
5
NIC
Not Internally Connected.
6
NIC
Not Internally Connected.
7VREFH
Reference Input Voltage High. Sets maximum
output voltage for all DACs.
8VOUTB
DAC B Voltage Output.
9VOUTA
DAC A Voltage Output.
10
AGND
Analog Ground
11
GND
Ground
12
SDI
Serial Data Input
13
CLK
Serial Data Clock
14
CS
Chip Select Input
15
NIC
Not Internally Connected.
16
NIC
Not Internally Connected.
17
NIC
Not Internally Connected.
18
LDAC
The selected DAC register becomes transparent
when LDAC is LOW. It is in the latched state
when LDAC is HIGH.
19
RESET
Asynchronous Reset Input. Sets all DAC
registers to either zero-scale (000H) or mid-
scale (800H) when LOW. RESETSEL determines
which code is active.
20
RESETSEL
When LOW, a LOW on RESET will cause all
DAC registers to be set to code 000H. When
RESETSEL is HIGH, a LOW on RESET will set
the registers to code 800H.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
AGND
RESETSEL
RESET
LDAC
NIC
CS
CLK
SDI
GND
DAC7616U
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V
DD
V
OUTD
V
OUTC
V
REFL
NIC
NIC
V
REFH
V
OUTB
V
OUTA
AGND
RESETSEL
RESET
LDAC
NIC
NIC
NIC
CS
CLK
SDI
GND
DAC7616E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com