Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC74 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC74 Datasheet HTML 4Page - NXP Semiconductors 74ALVC74 Datasheet HTML 5Page - NXP Semiconductors 74ALVC74 Datasheet HTML 6Page - NXP Semiconductors 74ALVC74 Datasheet HTML 7Page - NXP Semiconductors 74ALVC74 Datasheet HTML 8Page - NXP Semiconductors 74ALVC74 Datasheet HTML 9Page - NXP Semiconductors 74ALVC74 Datasheet HTML 10Page - NXP Semiconductors 74ALVC74 Datasheet HTML 11Page - NXP Semiconductors 74ALVC74 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2003 May 26
8
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74ALVC74
AC CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay
nCP to nQ, nQ
see Figs 6 and 8
1.65 to 1.95
1.0
3.7
6.2
ns
2.3 to 2.7
1.0
2.6
4.2
ns
2.7
1.0
2.8
4.2
ns
3.0 to 3.6
1.0
2.7
3.8
ns
tPHL/tPLH
propagation delay
nSD to nQ, nQ
see Figs 7 and 8
1.65 to 1.95
1.0
3.4
5.4
ns
2.3 to 2.7
1.0
2.4
3.8
ns
2.7
1.0
3.2
4.2
ns
3.0 to 3.6
1.0
2.3
3.5
ns
tPHL/tPLH
propagation delay
nRD to nQ, nQ
see Figs 7 and 8
1.65 to 1.95
1.0
3.5
5.4
ns
2.3 to 2.7
1.0
2.5
3.8
ns
2.7
1.0
3.1
4.3
ns
3.0 to 3.6
1.0
2.3
3.5
ns
tW
clock pulse width
HIGH or LOW
see Figs 6 and 8
1.65 to 1.95
2.5
0.9
−
ns
2.3 to 2.7
2.5
0.6
−
ns
2.7
2.5
1.3
−
ns
3.0 to 3.6
2.5
1.3
−
ns
tW
set or reset pulse width LOW see Figs 7 and 8
1.65 to 1.95
2.5
0.9
−
ns
2.3 to 2.7
2.5
0.9
−
ns
2.7
2.5
1.0
−
ns
3.0 to 3.6
2.5
0.7
−
ns
trem
removal time set or reset
see Figs 7 and 8
1.65 to 1.95
0.7
−0.2
−
ns
2.3 to 2.7
0.7
−0.1
−
ns
2.7
0.7
−0.1
−
ns
3.0 to 3.6
0.7
−0.1
−
ns
tsu
set-up time nD to nCP
see Figs 6 and 8
1.65 to 1.95
1.2
0.6
−
ns
2.3 to 2.7
1.2
0.8
−
ns
2.7
0.9
0.5
−
ns
3.0 to 3.6
0.8
0.4
−
ns
th
hold time nD to nCP
see Figs 6 and 8
1.65 to 1.95
0.6
−0.4
−
ns
2.3 to 2.7
0.6
−0.3
−
ns
2.7
0.7
−0.4
−
ns
3.0 to 3.6
0.8
−0.1
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com