Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC74 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC74 Datasheet HTML 1Page - NXP Semiconductors 74ALVC74 Datasheet HTML 2Page - NXP Semiconductors 74ALVC74 Datasheet HTML 3Page - NXP Semiconductors 74ALVC74 Datasheet HTML 4Page - NXP Semiconductors 74ALVC74 Datasheet HTML 5Page - NXP Semiconductors 74ALVC74 Datasheet HTML 6Page - NXP Semiconductors 74ALVC74 Datasheet HTML 7Page - NXP Semiconductors 74ALVC74 Datasheet HTML 8Page - NXP Semiconductors 74ALVC74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2003 May 26
3
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74ALVC74
ORDERING INFORMATION
FUNCTION TABLES
Table 1
See note 1
Table 2
See note 1
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
↑ = LOW-to-HIGH CP transition;
Qn+1 = state after the next LOW-to-HIGH transition of CP.
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74ALVC74D
−40 to +85 °C
14
SO14
plastic
SOT108-1
74ALVC74PW
−40 to +85 °C
14
TSSOP14
plastic
SOT402-1
74ALVC74BQ
−40 to +85 °C
14
DHVQFN14
plastic
SOT762-1
INPUT
OUTPUT
nSD
nRD
nCP
nD
nQ
nQ
LH
X
X
HL
HL
X
X
LH
LL
X
X
H
H
INPUT
OUTPUT
nSD
nRD
nCP
nD
nQn+1
nQn+1
HH
↑
LL
H
HH
↑
HH
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com