Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC74 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVC74 Datasheet HTML 6Page - NXP Semiconductors 74ALVC74 Datasheet HTML 7Page - NXP Semiconductors 74ALVC74 Datasheet HTML 8Page - NXP Semiconductors 74ALVC74 Datasheet HTML 9Page - NXP Semiconductors 74ALVC74 Datasheet HTML 10Page - NXP Semiconductors 74ALVC74 Datasheet HTML 11Page - NXP Semiconductors 74ALVC74 Datasheet HTML 12Page - NXP Semiconductors 74ALVC74 Datasheet HTML 13Page - NXP Semiconductors 74ALVC74 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2003 May 26
10
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74ALVC74
handbook, full pagewidth
MNA423
trem
tPHL
tPHL
tW
tPLH
tPLH
VM
VM
VM
tW
VM
VM
VI
GND
VI
GND
nSD input
VI
GND
nRD input
nCP input
VOH
VOL
nQ output
VOH
VOL
nQ output
Fig.7
The set (nSD) and reset (nRD) input to output (nQ, nQ) propagation delays, the set and reset pulse widths
and the nRD to nCP removal time.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC
VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com