Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7642VF Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7642VF
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7642VF Datasheet(HTML) 4 Page - Texas Instruments

  DAC7642VF Datasheet HTML 1Page - Texas Instruments DAC7642VF Datasheet HTML 2Page - Texas Instruments DAC7642VF Datasheet HTML 3Page - Texas Instruments DAC7642VF Datasheet HTML 4Page - Texas Instruments DAC7642VF Datasheet HTML 5Page - Texas Instruments DAC7642VF Datasheet HTML 6Page - Texas Instruments DAC7642VF Datasheet HTML 7Page - Texas Instruments DAC7642VF Datasheet HTML 8Page - Texas Instruments DAC7642VF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DAC7642, DAC7643
4
SBAS233
www.ti.com
DAC7642VF
DAC7642VFB
DAC7643VF
DAC7643VFB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
±3
±4
±2
±3
LSB
Linearity Match
±4
±2
LSB
Differential Linearity Error
±2
±3
±1
±2
LSB
Monotonicity, TMIN to TMAX
14
15
Bits
Zero-Scale Error
±1
±3
✻✻
mV
Zero-Scale Error Drift
5
10
✻✻
ppm/
°C
Full-Scale Error
±1
±3
✻✻
mV
Full-Scale Error Drift
5
10
✻✻
ppm/
°C
Zero-Scale Matching
Channel-to-Channel Matching
±1
±3
±1
±3mV
Full-Scale Matching
Channel-to-Channel Matching
±1
±3
±1
±3mV
Power-Supply Rejection Ratio (PSRR)
At Full-Scale
10
100
✻✻
ppm/V
ANALOG OUTPUT
Voltage Output
RL = 10kΩ
0VREFH
✻✻
V
Output Current
–1.25
+1.25
✻✻
mA
Maximum Load Capacitance
No Oscillation
500
✻
pF
Short-Circuit Current
–10, +30
✻
mA
Short-Circuit Duration
GND or VCC
Indefinite
✻
REFERENCE INPUT
Ref High Input Voltage Range
VREFL + 1.25
+2.5
✻✻
V
Ref Low Input Voltage Range
0
VREFH – 1.25
✻✻
V
Ref High Input Current
250
✻
µA
Ref Low Input Current
–250
✻
µA
DYNAMIC PERFORMANCE
Settling Time
To
±0.003%, 2.5V Output Step
8
10
✻✻
µs
Channel-to-Channel Crosstalk
See Figure 6
0.5
✻
LSB
Digital Feedthrough
2
✻
nV-s
Output Noise Voltage, f = 10kHz
60
✻
nV/
√Hz
DAC Glitch
7FFFH to 8000H or 8000H to 7FFFH
40
✻
nV-s
DIGITAL INPUT
VIH
0.7 • VCC
✻
V
VIL
0.3 • VCC
✻
V
IIH
±10
✻
µA
IIL
±10
✻
µA
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
4.5
✻✻
V
VOL
IOL = 1.2mA
0.3
0.4
✻✻
V
POWER SUPPLY
VCC
+4.75
+5.0
+5.25
✻✻✻
V
VSS
000
✻✻✻
V
ICC
0.5
0.9
✻✻
mA
Power
2.5
4.5
✻✻
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as DAC7642VF and DAC7643VF.
NOTE: (1) If VSS = 0V, specification applies at Code 0040H and above due to possible negative zero-scale error.
ELECTRICAL CHARACTERISTICS (Single Supply)
At TA = TMIN to TMAX, VCC = +5V, VSS = 0V, VREFH = +2.5V, and VREFL = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com