Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7642VF Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC7642VF
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7642VF Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7642VF Datasheet HTML 10Page - Texas Instruments DAC7642VF Datasheet HTML 11Page - Texas Instruments DAC7642VF Datasheet HTML 12Page - Texas Instruments DAC7642VF Datasheet HTML 13Page - Texas Instruments DAC7642VF Datasheet HTML 14Page - Texas Instruments DAC7642VF Datasheet HTML 15Page - Texas Instruments DAC7642VF Datasheet HTML 16Page - Texas Instruments DAC7642VF Datasheet HTML 17Page - Texas Instruments DAC7642VF Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
DAC7642, DAC7643
14
SBAS233
www.ti.com
that VSS (the negative power supply) must either be con-
nected to ground or must be in the range of –4.75V to
–5.25V. The voltage on VSS sets several bias points within
the converter. If VSS is not in one of these two configurations,
the bias values may be in error and proper operation of the
device may be affected.
The current into the VREFH input and out of VREFL depends
on the DAC output voltages and can vary from a few
microamps to approximately 0.5mA. The reference input
appears as a varying load to the reference. If the references
applied can sink or source the required current, a reference
buffer is not required. The DAC7642 and DAC7643 feature
reference drive and sense connections such that the internal
errors caused by the changing reference current and the
circuit impedances can be minimized. Figures 5 through 13
show different reference configurations and the effect on the
linearity and differential linearity.
FIGURE 5. Dual Supply Configuration-Buffered References, Used for Dual-Supply Characteristic Curves.
V
OUTA
V
OUTA Sense
V
REFL Sense
V
REFL
V
REFH
V
REFH Sense
V
OUTB Sense
V
OUTB
32
31
30
29
28
27
26
25
DAC7642
DAC7643
1000pF
V
OUT
V
OUT
100
Ω
100
Ω
+2.5V
+V
–2.5V
–V
–V
+V
OPA2234
2200pF
1000pF
2200pF
ANALOG OUTPUTS
When VSS = –5V (dual-supply operation), the output amplifier
can swing to within 2.25V of the supply rails over the –40
°C
to +85
°C temperature range. When V
SS = 0V (single-supply
operation), and with RLOAD also connected to ground, the
output can swing to ground. Care must also be taken when
measuring the zero-scale error when VSS = 0V. Since the
DAC output cannot swing below ground, the output voltage
may not change for the first few digital input codes (0000H,
0001H, 0002H, etc.) if the output amplifier has a negative
offset. At the negative limit of –2mV, the first specified output
starts at code 0040H.
Due to the high accuracy of these DACs, system design
problems such as grounding and contact resistance become
very important. A 16-bit converter with a 2.5V full-scale range
has a 1LSB value of 38
µV. With a load current of 1mA, a series
wiring and connector resistance of only 40m
Ω (R
W2) will cause
a voltage drop of 40
µV, as shown in Figure 4. To understand
what this means in terms of a system layout, the resistivity of
a typical 1 ounce copper-clad printed circuit board is 1/2 m
Ω
per square. For a 1mA load, a 10 milli-inch wide printed circuit
conductor 600 milli-inches long will result in a voltage drop of
30
µV.
The DAC7642 and DAC7643 offer a force and sense output
configuration for the high open-loop gain output amplifiers.
This feature allows the loop around the output amplifier to be
closed at the load (shown in Figure 4), thus ensuring an
accurate output voltage.
REFERENCE INPUTS
The reference inputs, VREFL and VREFH, can be any voltage
between VSS + 2.5V and VCC – 2.5V provided that VREFH is
at least 1.25V greater than VREFL. The minimum output of
each DAC is equal to VREFL plus a small offset voltage
(essentially, the offset of the output op amp). The maximum
output is equal to VREFH plus a similar offset voltage. Note
FIGURE 4. Analog Output Closed-Loop Configuration. RW
represents wiring resistances.
V
OUTA
V
OUTA Sense
V
REFL Sense
V
REFL
V
REFH
V
REFH Sense
V
OUTB Sense
V
OUTB
32
31
30
29
28
27
26
25
DAC7642
DAC7643
R
W2
R
W1
+2.5V
+V
V
OUT
R
W1
R
W2
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com