Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7642VF Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC7642VF
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7642VF Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7642VF Datasheet HTML 3Page - Texas Instruments DAC7642VF Datasheet HTML 4Page - Texas Instruments DAC7642VF Datasheet HTML 5Page - Texas Instruments DAC7642VF Datasheet HTML 6Page - Texas Instruments DAC7642VF Datasheet HTML 7Page - Texas Instruments DAC7642VF Datasheet HTML 8Page - Texas Instruments DAC7642VF Datasheet HTML 9Page - Texas Instruments DAC7642VF Datasheet HTML 10Page - Texas Instruments DAC7642VF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DAC7642, DAC7643
7
SBAS233
www.ti.com
TYPICAL CHARACTERISTICS: VSS = 0V (Cont.)
At TA = +25°C, VCC = +5V, VSS = 0V, VREFH = +2.5V, VREFL = 0V, representative unit, unless otherwise specified.
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
NEGATIVE FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC B
Code (0040
H)
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
POSITIVE FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC B
Code (FFFF
H)
1
0.8
0.6
0.4
0.2
0
SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
–40
–15
10
35
60
85
Data = FFFF
H (all DACs)
No Load
1.0
0.8
0.6
0.4
0.2
0.0
Digital Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000
H
FFFF
H
SUPPLY CURRENT vs DIGITAL INPUT CODE
All DACs
No Load
0.30
0.25
0.20
0.15
0.10
0.05
0.00
V
REFH CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H
FFFF
H
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
V
REFL CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com