Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL49D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUL49D
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL49D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUL49D Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL49D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
1
isc website:www.iscsemi.cn
isc Silicon NPN Power Transistor
BUL49D
DESCRIPTION
·Collector–Emitter Sustaining Voltage
: VCEO(SUS) = 450V(Min.)
·Collector Saturation Voltage
: VCE(sat) = 0.3V(Max) @ IC= 1.0A
·Very High Switching Speed
APPLICATIONS
·Electronic transformers for halogen lamps
·Flyback and forward single transistor low power converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
850
V
VCEO
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current-Continuous
5
A
ICM
Collector Current-peak
tp<5ms
10
A
IB
Base Current-Continuous
2
A
IBM
Base Current-peak tp<5ms
4
A
PC
Collector Power Dissipation
TC=25℃
80
W
Ti
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.56
℃/W
Rth j-A
Thermal Resistance,Junction to Ambient
62.5
℃/W


Similar Part No. - BUL49D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL49D STMICROELECTRONICS-BUL49D Datasheet
66Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2000
BUL49D STMICROELECTRONICS-BUL49D Datasheet
201Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL49D STMICROELECTRONICS-BUL49D Datasheet
443Kb / 15P
High voltage fast-switching NPN power transistors
09-Jun-2008
logo
SYC Electronica
BUL49D SYC-BUL49D Datasheet
467Kb / 14P
High voltage fast-switching NPN power transistors
June 2008
logo
STMicroelectronics
BUL49DFP STMICROELECTRONICS-BUL49DFP Datasheet
443Kb / 15P
High voltage fast-switching NPN power transistors
09-Jun-2008
More results

Similar Description - BUL49D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com