Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX33 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUX33
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX33 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUX33 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX33 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
BUX33
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 400V(Min.)
·High Switching Speed
APPLICATIONS
·Converters
·Inverters
·Switching regulators
·Motor controls
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VCEV
Collector-Emitter Voltage
VBE= 1.5V
800
V
VCER
Collector-Emitter Voltage
RBE= 10Ω
800
V
VCEX
Collector-Emitter Voltage
VBE= -1.5V
450
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continuous
12
A
ICM
Collector Current-Peak
15
A
IB
Base Current
4
A
PC
Collector Power Dissipation
@TC=25℃
150
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.0
℃/W


Similar Part No. - BUX33

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUX33A ISC-BUX33A Datasheet
195Kb / 2P
isc Silicon NPN Power Transistor
BUX33B ISC-BUX33B Datasheet
195Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUX33

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com