Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981A Datasheet(PDF) 10 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1981A Datasheet HTML 6Page - Analog Devices AD1981A Datasheet HTML 7Page - Analog Devices AD1981A Datasheet HTML 8Page - Analog Devices AD1981A Datasheet HTML 9Page - Analog Devices AD1981A Datasheet HTML 10Page - Analog Devices AD1981A Datasheet HTML 11Page - Analog Devices AD1981A Datasheet HTML 12Page - Analog Devices AD1981A Datasheet HTML 13Page - Analog Devices AD1981A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. 0
AD1981A
–10–
Headphones Volume Register (Index 04h)
1
Reg Num Name
D15 D14 D13
D12
D11
D10
D9
D8
D7 D6 D5
D4
D3
D2
D1
D0
Default
04h
Headphones Volume HPM
X
X
LHV4 LHV3 LHV2 LHV1 LHV0 RM
2
X
X RHV4 RHV3 RHV2 RHV1 RHV0 8000h
NOTES
1This register controls the headphone volume controls for both stereo channels and mute bit. Each volume subregister contains 5 bits, generating 32 volume levels
with 31 steps of 1.5 dB each. Because AC ‘97 defines 6-bit volume registers, to maintain compatibility whenever the D5 or D13 Bits are set to “1, ” their respective
lower five volume bits are automatically set to “1” by the CODEC logic. On readback, all lower 5 bits will read ones when ever these bits are set to “1.”
2For AC ‘97 compatibility, Bit D7 (RM) is only available by setting the MSPLT bit Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.
RHV [4:0]
Right Headphone Volume Control: The least significant bit represents 1.5 dB. This register controls the output
from 0 dB to a maximum attenuation of –46.5 dB.
RM
Right Channel Mute: Once enabled by the MSPLT Bit in Register 76h, this bit mutes the right channel separately
from the HPM Bit. Otherwise, this bit will always read “0” and will have no effect when set to “1.”
LHV [4:0]
Left Headphone Volume Control: The least significant bit represents 1.5 dB. This register controls the output
from 0 dB to a maximum attenuation of –46.5 dB.
HPM
Headphones Volume Mute: When this bit is set to “1,” both L/R channels are muted, unless the MSPLT Bit in
Register 76h is set to “1,” in which case, this mute bit will only affect the left channel.
xHV5…xHV0
Function
HPM
WRITE
READBACK
Function
0
00 0000
00 0000
0 dB Gain
0
00 1111
00 1111
–22.5 dB Gain
0
01 1111
01 1111
–46.5 dB Gain
0
1x xxxx
01 1111
–46.5 dB Gain
1
xx xxxx
xx xxxx
–
∞ dB Gain
Mono Volume (Index 06h)
*
Reg Num Name
D15
D14 D13 D12 D11 D10 D9 D8 D7 D6 D5
D4
D3
D2
D1
D0
Default
06h
Mono Volume MVM
XXXXX
XXXXX
MV4 MV3 MV2 MV1 MV0
8000h
*This register controls the headphone volume controls for both stereo channels and mute bit. Each volume subregister contains 5 bits, generating 32 volume levels
with 31 steps of 1.5 dB each. Because AC ‘97 defines 6-bit volume registers, to maintain compatibility whenever the D5 or D13 Bits are set to “1, ” their respective
lower five volume bits are automatically set to “1” by the CODEC logic. On readback, all lower 5 bits will read ones when ever these bits are set to “1.”
MV[4:0]
Mono Volume Control: The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a
maximum attenuation of –46.5 dB.
MVM
Mono Volume Mute: When this bit is set to “1,” the channel is muted.
xMV5…xMV0
MVM
WRITE
READBACK
Function
0
00 0000
00 0000
0 dB Gain
0
00 1111
00 1111
–22.5 dB Gain
0
01 1111
01 1111
–46.5 dB Gain
0
1x xxxx
01 1111
–46.5 dB Gain
1
xx xxxx
xx xxxx
–
∞ dB Gain
Phone Volume (Index 0Ch)
Reg Num Name
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5
D4
D3
D2
D1
D0
Default
0Ch
Phone Volume
PHM
XXXXX
XXXXX PHV4 PHV3 PHV2 PHV1 PHV0
8008h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com