Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981A Datasheet(PDF) 12 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1981A Datasheet HTML 8Page - Analog Devices AD1981A Datasheet HTML 9Page - Analog Devices AD1981A Datasheet HTML 10Page - Analog Devices AD1981A Datasheet HTML 11Page - Analog Devices AD1981A Datasheet HTML 12Page - Analog Devices AD1981A Datasheet HTML 13Page - Analog Devices AD1981A Datasheet HTML 14Page - Analog Devices AD1981A Datasheet HTML 15Page - Analog Devices AD1981A Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
AD1981A
–12–
AUX Volume (Index 16h)
Reg Num Name
D15 D14 D13
D12
D11
D10
D9
D8
D7
D6 D5
D4
D3
D2
D1
D0
Default
16h
AUX Volume
AM
X
X
LAV4 LAV3 LAV2 LAV1 LAV0 RM
* X
X RAV4 RAV3 RAV2 RAV1 RAV0
8808h
*For AC ‘97 compatibility, Bit D7 (RM) is only available by setting the MSPLT bit Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.
RAV[4:0]
Right AUX Volume: Allows setting the AUX right channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
RM
Right Channel Mute: Once enabled by the MSPLT Bit in Register 76h, this bit mutes the right channel separately
from the AM bit. Otherwise, this bit will always read “0” and will have no effect when set to “1.”
LAV[4:0]
Left AUX Volume: Allows setting the AUX left channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
AM
AUX Mute: When this bit is set to “1,” both L/R channels are muted unless the MSPLT Bit in Register 76h is set
to “1,” in which case this mute bit will only affect the left channel.
PCM Out Volume (Index 18h)
Reg Num Name
D15 D14 D13
D12
D11
D10
D9
D8
D7 D6 D5
D4
D3
D2
D1
D0
Default
18h
PCM Out Vol
OM
X
X
LOV4 LOV3 LOV2 LOV1 LOV0 RM
* X
X ROV4 ROV3 ROV2 ROV1 ROV0 8808h
*For AC ‘97 compatibility, Bit D7 (RM) is only available by setting the MSPLT bit Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.
ROV[4:0]
Right PCM Out Volume: Allows setting the PCM right channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
RM
Right Channel Mute: Once enabled by the MSPLT Bit in Register 76h, this bit mutes the right channel separately
from the OM bit. Otherwise, this bit will always read “0” and will have no effect when set to “1.”
LOV[4:0]
Left PCM Out Volume: Allows setting the PCM left channel attenuator in 32 volume levels. The LSB represents
1.5 dB, and the range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
OM
PCM Out Volume Mute: When this bit is set to “1,” both L/R channels are muted unless the MSPLT Bit in
Register 76h is set to “1,” in which case this mute bit will only affect the left channel.
Volume Table (Index 0Ch to 18h)
Mute
x4...x0
Function
0
00000
+12 dB Gain
0
01000
0 dB Gain
0
11111
–34.5 dB Gain
1
xxxxx
–
∞ dB Gain
Record Select Control Register (Index 1Ah)
Reg Num Name
D15 D14 D13 D12 D11 D10
D9
D8 D7 D6 D5 D4 D3
D2
D1
D0 Default
1Ah
Record Select
XXXXX
LS2 LS1 LS0
XXXXX
RS2 RS1 RS0
0000h
NOTES
Used to select the record source independently for right and left. See table for legend.
The default value is 0000h, which corresponds to MIC in.
RS[2:0]
Right Record Select
LS[2:0]
Left Record Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com