Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981A Datasheet(PDF) 13 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1981A Datasheet HTML 9Page - Analog Devices AD1981A Datasheet HTML 10Page - Analog Devices AD1981A Datasheet HTML 11Page - Analog Devices AD1981A Datasheet HTML 12Page - Analog Devices AD1981A Datasheet HTML 13Page - Analog Devices AD1981A Datasheet HTML 14Page - Analog Devices AD1981A Datasheet HTML 15Page - Analog Devices AD1981A Datasheet HTML 16Page - Analog Devices AD1981A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
AD1981A
–13–
RS1...RS0
Right Record Source
0
MIC
1
CD_R
2
Muted
3
AUX_R
4
LINE_IN_R
5
Stereo Mix (R)
6
Mono Mix
7
PHONE_IN
LS1...LS0
Left Record Source
0
MIC
1
CD_L
2
Muted
3
AUX_L
4
LINE_IN_L
5
Stereo Mix (L)
6
Mono Mix
7
PHONE_IN
Record Gain (Index 1Ch)
*For AC ‘97 compatibility, Bit D7 (RM) is only available by setting the MSPLT bit Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.
RIM[3:0]
Right Input Mixer Gain Control: Each LSB represents 1.5 dB, 0000 = 0 dB, and the range is 0 dB to 22.5 dB.
RM
Right Channel Mute: Once enabled by the MSPLT Bit in Register 76h, this bit mutes the right channel separately
from the IM bit. Otherwise, this bit will always read “0” and will have no effect when set to “1.”
LIM[3:0]
Left Input Mixer Gain Control: Each LSB represents 1.5 dB, 0000 = 0 dB, and the range is 0 dB to 22.5 dB.
IM
Input Mute: When this bit is set to “1,” both L/R channels are muted unless the MSPLT Bit in Register 76h is set
to “1,” in which case this mute bit will only affect the left channel.
IM
xIM3...xIM0
Function
0
1111
+22.5 dB Gain
0
0000
0 dB Gain
1
xxxxx
–
∞ dB Gain
General Purpose Register (Index 20h)
*
Reg Num Name
D15 D14 D13 D12 D11 D10 D9 D8
D7
D6 D5 D4 D3 D2 D1 D0 Default
20h
General Purpose
XXXXXX
X
X
LPBK
XXXXXXX
0000h
*This register should be read before writing to generate a mask for only the bit(s) that need to be changed.
LPBK
Loop-Back Control: ADC/DAC digital loop-back mode
Reg Num Name
D15 D14 D13 D12
D11
D10
D9
D8
D7
D6 D5 D4
D3
D2
D1
D0
Default
1Ch
Record Gain
IM
X
X
X
LIM3 LIM2 LIM1 LIM0 RM
* X
X
X RIM3 RIM2 RIM1 RIM0
8000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com