Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6635BB/PCB Datasheet(PDF) 39 Page - Analog Devices

Part # AD6635BB/PCB
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635BB/PCB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6635BB/PCB Datasheet HTML 35Page - Analog Devices AD6635BB/PCB Datasheet HTML 36Page - Analog Devices AD6635BB/PCB Datasheet HTML 37Page - Analog Devices AD6635BB/PCB Datasheet HTML 38Page - Analog Devices AD6635BB/PCB Datasheet HTML 39Page - Analog Devices AD6635BB/PCB Datasheet HTML 40Page - Analog Devices AD6635BB/PCB Datasheet HTML 41Page - Analog Devices AD6635BB/PCB Datasheet HTML 42Page - Analog Devices AD6635BB/PCB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
REV. 0
AD6635
–39–
both. Bits 1 and 2 of register addresses 0x1A and 0x1C control
the inclusion of data from AGCs A and B, respectively. Simi-
larly, Parallel Ports C and D can provide data from either
AGC C, AGC D, or both.
AGC mode provides only one I and Q format, which is similar
to the 16-bit Interleaved format of Channel mode. When both
REQ and ACK are asserted, the next rising edge of PCLK
triggers the output of a 16-bit AGC I word for one PCLK cycle.
The PxIQ (x = A, B, C, or D) output indicator pins are high
during this cycle, and low otherwise. A 16-bit AGC Q word is
provided during the subsequent PCLK cycle. If the AGC gain
word has been updated since the last sample, a 12-bit RSSI
word (Receive Signal Strength Indicator) is provided during the
PCLK cycle following the Q word on the 12 MSBs of the paral-
lel port data pins. The RSSI word is the bit inverse of the signal
gain word used in the gain multiplier of the AGC.
The data provided by the PACH[1:0] and PBCH[1:0] pins in
AGC mode is different than that provided in Channel mode. In
AGC mode, PACH[0] and PBCH[0] indicate the AGC source
of the data currently being output (0 = AGC A, 1 = AGC B).
PACH[1] and PBCH[1] indicate whether the current data is an
I/Q word or an AGC RSSI word (0 = I/Q word, 1 = AGC RSSI
word). The two different AGC outputs are shown in Figures 37
and 38.
I[15:0]
Q[15:0]
PxCH[0] = AGC NO.
PxCH[1] = 0
tDPCH
tDPP
PCLKn
PxREQ
Px[15:0]
PxACK
PxlQ
PxCH[1:0]
tDPIQ
tDPREQ
Figure 37. AGC with No RSSI Word
PxCH[0] = AGC NO.
PxCH[1] = 0
PxCH[0] = AGC NO.
PxCH[1] = 1
tDPP
PCLKn
PxREQ
Px[15:0]
PxACK
PxlQ
PxCH[1:0]
I[15:0]
Q[15:0]
RSSI[11:0]
tDPREQ
tDPIQ
tDPCH
Figure 38. AGC with RSSI Word
Master/Slave PCLKn Modes
The parallel ports may operate in either Master or Slave mode.
The mode is set via the Port Clock Control register (address
0x1E). The parallel ports power up in Slave mode to avoid
possible contentions on the PCLKn pin. Parallel Ports A and B
can be set up in Master mode while Ports C and D are set up in
Slave mode, or vice versa. But, both the Ports A and B, or C
and D, should be in the same mode, since they share the paral-
lel port clock PCLK0 and PCLK1, respectively.
In Master mode, PCLK is an output whose frequency is the
AD6635 clock frequency divided by the PCLK divisor. Since
values for PCLK_divisor [2:1] can be set to 0, 1, 2, or 3, integer
divisors of 1, 2, 4, or 8, respectively, can be obtained. Since the
maximum clock rate of the AD6635 is 80 MHz, the highest
PLCK rate in Master mode is also 80 MHz. Master mode is
selected by setting Bit 0 of address 0x1E.
In Slave mode, external circuitry provides the PCLK signal.
Slave mode PCLK signals may be either synchronous or
asynchronous. The maximum Slave mode PCLK frequency
is 100 MHz.
Parallel Port Pin Functionality
The following describes the functionality of the pins used by the
parallel ports.
PCLK: Input/output. As an output (Master mode), the maxi-
mum frequency is CLK/N, where CLK is the AD6635 clock
and N is an integer divisor of 1, 2, 4, or 8. As an input (Slave
mode), it may be asynchronous relative to the AD6635 CLK.
This pin powers up as an input to avoid possible contentions.
Other port outputs change on the rising edge of PCLK.
REQ: Active high output, synchronous to PCLK. A logic high
on this pin indicates that data is available to be shifted out of
the port. The logic level remains high until all pending data has
been shifted out.
ACK: Active high asynchronous input. Applying a logic low on
this pin inhibits parallel port data shifting. Applying a logic high
to this pin when REQ is high causes the parallel port to shift out
data according to the programmed data mode. ACK is sampled
on the rising edge of PCLK. Assuming REQ is asserted, the
latency from the assertion of ACK to data appearing at the
parallel port output is no more than 1.5 PCLK cycles (see
Figure 12). ACK may be held high continuously; in this case,
when data becomes available, shifting begins one PCLK cycle
after the assertion of REQ (see Figures 35, 36, and 37).
PAIQ, PBIQ, PCIQ, PDIQ: High whenever I data is present
on the port output, low otherwise.
PxCH[1:0], PxCH[1:0], PCCH[1:0], PDCH[1:0]: These pins
serve to identify data in both of the data modes. In Channel
mode, these pins form a 2-bit binary number identifying the
source channel of the current data word. In AGC mode, [0]
indicates the AGC source (0 = AGC A, 1 = AGC B), and [1]
indicates whether the current data word is (0 = I/Q data) or
(1 = RSSI word). Similarly for parallel Ports C and D, [0]
indicates the AGC source (0 = AGC C, 1 = AGC D), and [1]
indicates whether the current data word is (0 = I/Q data) or
(1 = RSSI word).
PA[15:0], PB[15:0], PC[15:0], PD[15:0]: Parallel output data
ports. Contents and format are mode dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com