Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6635BB/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD6635BB/PCB
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635BB/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6635BB/PCB Datasheet HTML 11Page - Analog Devices AD6635BB/PCB Datasheet HTML 12Page - Analog Devices AD6635BB/PCB Datasheet HTML 13Page - Analog Devices AD6635BB/PCB Datasheet HTML 14Page - Analog Devices AD6635BB/PCB Datasheet HTML 15Page - Analog Devices AD6635BB/PCB Datasheet HTML 16Page - Analog Devices AD6635BB/PCB Datasheet HTML 17Page - Analog Devices AD6635BB/PCB Datasheet HTML 18Page - Analog Devices AD6635BB/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
REV. 0
AD6635
–15–
PIN FUNCTION DESCRIPTION (continued)
Name
Type
Function
MICROPORT CONTROL
D[7:0]
I/O/T
Bidirectional Microport Data
A[2:0]
I
Microport Address Bus
DS (RD)I
Active Low Data Strobe (Active Low Read)
DTACK (RDY)2
O/T
Active Low Data Acknowledge (Microport Status Bit)
R/W (
WR)I
Read Write (Active Low Write)
MODE
I
Intel or Motorola Mode Select
CS01
IChip Select for Channels 0–3 and Ports A, B
CS11
IChip Select for Channels 4–7 and Ports C, D
SERIAL PORT CONTROL
SDI0
1
I
Serial Port Control Data Input for Channels 0–3 and Ports A, B
SCLK0
1
I
Serial Port Control Clock for Channels 0–3 and Ports A, B
SDI4
1
I
Serial Port Control Data Input for Channels 4–7 and Ports C, D
SCLK4
1
I
Serial Port Control Clock for Channels 4–7 and Ports C, D
OUTPUTS
LIA-A
O
Level Indicator—Input A, Interleaved-Data A
LIA-B
O
Level Indicator—Input A, Interleaved-Data B
LIB-A
O
Level Indicator—Input B, Interleaved-Data A
LIB-B
O
Level Indicator—Input B, Interleaved-Data B
LIC-A
O
Level Indicator—Input C, Interleaved-Data A
LIC-B
O
Level Indicator—Input C, Interleaved-Data B
LID-A
O
Level Indicator—Input D, Interleaved-Data A
LID-B
O
Level Indicator—Input D, Interleaved-Data B
LACLKOUT
O
Link Port A Clock Output
LBCLKOUT
O
Link Port B Clock Output
LCCLKOUT
O
Link Port C Clock Output
LDCLKOUT
O
Link Port D Clock Output
LA[7:0]
O
Link Port A Output Data
LB[7:0]
O
Link Port B Output Data
LC[7:0]
O
Link Port C Output Data
LD[7:0]
O
Link Port D Output Data
PA[15:0]
O
Parallel Output Data Port A
PB[15:0]
O
Parallel Output Data Port B
PC[15:0]
O
Parallel Output Data Port C
PD[15:0]
O
Parallel Output Data Port D
PACH[1:0]
O
Parallel Output Port A Channel Indicator
PBCH[1:0]
O
Parallel Output Port B Channel Indicator
PCCH[1:0]
O
Parallel Output Port C Channel Indicator
PDCH[1:0]
O
Parallel Output Port D Channel Indicator
PAIQ
O
Parallel Port A I/Q Data Indicator
PBIQ
O
Parallel Port B I/Q Data Indicator
PCIQ
O
Parallel Port C I/Q Data Indicator
PDIQ
O
Parallel Port D I/Q Data Indicator
NOTES
1Pins with a pull-down resistor of nominal 70 k
W.
2Pins with a pull-up resistor of nominal 70 k
W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com