Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6635BB/PCB Datasheet(PDF) 45 Page - Analog Devices

Part # AD6635BB/PCB
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635BB/PCB Datasheet(HTML) 45 Page - Analog Devices

Back Button AD6635BB/PCB Datasheet HTML 41Page - Analog Devices AD6635BB/PCB Datasheet HTML 42Page - Analog Devices AD6635BB/PCB Datasheet HTML 43Page - Analog Devices AD6635BB/PCB Datasheet HTML 44Page - Analog Devices AD6635BB/PCB Datasheet HTML 45Page - Analog Devices AD6635BB/PCB Datasheet HTML 46Page - Analog Devices AD6635BB/PCB Datasheet HTML 47Page - Analog Devices AD6635BB/PCB Datasheet HTML 48Page - Analog Devices AD6635BB/PCB Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
REV. 0
AD6635
–45–
0xA4: RCF Control Register
The RCF control register is an 11-bit register that controls
general features of the RCF as well as output formatting. The
bits of this register and their functions are described below.
Bit 10 bypasses the RCF filter and sends the CIC5 output data
to the BIST-I and BIST-Q registers. The 16 MSBs of the CIC5
data can be accessed from this register if Bit 9 of the RCF con-
trol register 2 at channel address 0xA9 is set.
Bit 9 of this register controls the source of the input data to the
RCF. If this bit is 0, the RCF processes the output data of its
own channel. If this bit is 1, it processes the data from the
CIC5 of another channel. Table XII shows which CIC5 the
RCF is connected to when this bit is 1. These can be used to
allow multiple RCFs to be used together to process wider band-
width channels.
Table XII. RCF Input Configurations
Channel
RCF Input Source when Bit 9 is 1
0
1
1
0
2
1
3
1
4
5
5
4
6
5
7
5
Bit 8 is used as an extra address to allow a second block of 128
words of CMEM to be addressed by the channel addresses at
0x00–0x7F. If this bit is 0, the first 128 words are written; and
if this bit is 1, a second 128 words are written. This bit is only
used to program the coefficient memory. It is not used in
any way by the processing, and filters longer than 128 taps
can be performed.
Bit 7 is used to help control the output formatting of the
AD6635’s RCF data. This bit is only used when the 8 + 4 or
12 + 4 floating-point modes are chosen. These modes are
enabled by Bits 5 and 4 of this register. When Bit 7 is 0, the I
and Q output exponents are determined separately based on
their individual magnitudes. When this bit is 1, the I and Q
data is a complex floating-point number where I and Q use a
single exponent that is determined based on the maximum
magnitude of I or Q.
Bit 6 is used to force the output scale factor in Bits 3–0 of this
register to be used to scale the data even when one of the float-
ing point output modes is used. If the number was too large to
represent with the output scale chosen, the mantissas of the I
and Q data clip and do not overflow.
Bits 5 and 4 choose the output formatting option used by the
RCF data. The options are defined in Table XIII. The user
should note that these options are valid only when data is out-
put from the channels (by writing 0 into Bit 0 of parallel A/B
control register or link A/B control register). The output format
when data comes from AGCs is always fixed point with the bit
width defined by the AGC.
Table XIII. Output Formats
Bit Values
Output Option
1x
12-Bit Mantissa and 4-Bit Exponent (12 + 4)
01
8-Bit Mantissa and 4-Bit Exponent (8 + 4)
00
Fixed-Point Mode
Bits 3–0 of this register represent the output scale factor of the
RCF. This is used to scale the data when the output format is in
fixed-point mode or when the force exponent bit is high.
0xA5: BIST Register for I
This register serves two purposes. The first is to allow the com-
plete functionality of the I data path in the channel to be tested
in the system. Consult the User Configurable Built-in Self Test
(BIST) section for further details. The second function is to
provide access to the I output data through the microport. To
accomplish this, the Map RCF Data to BIST bit in the RCF
Control register 2, 0xA9 should be set high. 16 bits of I data can
then be read through the microport in either the 8 + 4, 12 + 4,
12–bit linear, or 16-bit linear output modes. This data may come
from either the formatted RCF output or the CIC5 output.
0xA6: BIST Register for Q
This register serves two purposes. The first is to allow the com-
plete functionality of Q data path in the channel to be tested in
the system. Consult the User Configurable Built-in self Test
(BIST) section for further details. The second function is to
provide access to the Q output data through the microport. To
accomplish this, the Map RCF Data to BIST bit in the RCF
control register 2, 0xA9 should be set high. 16 bits of Q data can
then be read through the microport in either the 8 + 4, 12 + 4,
12-bit linear, or 16-bit linear output modes. This data may
come from either the formatted RCF output or the CIC5 output.
0xA7: BIST Control Register
This register controls the number of outputs of the RCF or CIC
filter that are observed when a BIST test is performed. The
BIST signature registers at addresses 0xA5 and 0xA6 observe
this number of outputs and then terminate. The loading of this
register also starts the BIST engine running. Details of how to
utilize the BIST circuitry are defined in the User Configurable
Built-in Self Test (BIST) section.
0xA8: RAM BIST Control Register
This register is used to test the memories of the AD6635,
should they ever be suspected of a failure. Bit 0 of this register is
written with a 1 when the channel is in SLEEP, and the user
waits for 1600 CLKs and then polls the bits. If Bit 1 is high, the
CMEM failed the test; and if Bit 2 is high, the data memory
used by the RCF failed the test.
0xA9: Output Control Register
Bit 9 of this register allows the RCF or CIC5 data to be mapped
to the BIST registers at addresses 0xA5 and 0xA6. When this
bit is 0, the BIST register is in signature mode and ready for a
self test to be run. When this bit is 1, the output data from the
RCF––after formatting or the CIC5 data––is mapped to these
registers and can be read through the microport.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com