Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF2310MPWREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310MPWREP
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310MPWREP Datasheet(HTML) 3 Page - Texas Instruments

  CDCVF2310MPWREP Datasheet HTML 1Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 2Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 3Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 4Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 5Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 6Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 7Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 8Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CDCVF2310-EP
www.ti.com
SCAS934 – DECEMBER 2012
Table 2. FUNCTION TABLE
INPUT
OUTPUT
1G
2G
CLK
1Y[0:4]
2Y[0:4]
L
L
↓
L
L
H
L
↓
CLK(1)
L
L
H
↓
L
CLK(1)
H
H
↓
CLK(1)
CLK(1)
(1)
After detecting one negative edge on the CLK input, the output
follows the input CLK if the control pin is held high.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
1G
11
I
Output enable control for 1Y[0:4] outputs. This output enable is active-high, meaning the
1Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic high.
2G
13
I
Output enable control for 2Y[0:4] outputs. This output enable is active-high, meaning the
2Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic high.
1Y[0:4]
3, 4, 5, 8, 9
O
Buffered output clocks
2Y[0:4]
21, 20, 17, 16, 12
O
Buffered output clocks
CLK
24
I
Input reference frequency
GND
1, 6, 7, 18, 19
Ground
VDD
2, 10, 14, 15, 22, 23
DC power supply, 2.3 V – 3.6 V
ABSOLUTE MAXIMUM RATINGS
over operating junction temperature range (unless otherwise noted)
(1)
Supply voltage range, VDD
–0.5 V to 4.6 V
Input voltage range, VI
(2) (3)
–0.5 V to VDD + 0.5 V
Output voltage range, VO
(2) (3)
–0.5 V to VDD + 0.5 V
Input clamp current, IIK (VI < 0 or VI> VDD)
±50 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±50 mA
Continuous total output current, IO (VO = 0 to VDD)
±50 mA
Storage temperature range Tstg
–65°C to 150°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCVF2310-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com