Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF2310MPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310MPWREP
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310MPWREP Datasheet(HTML) 1 Page - Texas Instruments

  CDCVF2310MPWREP Datasheet HTML 1Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 2Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 3Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 4Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 5Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 6Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 7Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 8Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
VDD
1Y0
1Y1
1Y2
GND
GND
1Y3
1Y4
VDD
1G
2Y4
CLK
VDD
VDD
2Y0
2Y1
GND
GND
2Y2
2Y3
VDD
VDD
2G
PW PACKAGE
(TOP VIEW)
CDCVF2310-EP
www.ti.com
SCAS934 – DECEMBER 2012
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
Check for Samples: CDCVF2310-EP
1
FEATURES
•
High-Performance 1:10 Clock Driver
•
Operates up to 200 MHz at VDD 3.3 V
•
Pin-to-Pin Skew < 100 ps at VDD 3.3 V
•
VDD Range: 2.3 V to 3.6 V
•
Output Enable Glitch Suppression
•
Distributes One Clock Input to Two Banks of
Five Outputs
•
25-
Ω On-Chip Series Damping Resistors
•
Packaged in 24-Pin TSSOP
APPLICATIONS
•
General-Purpose Applications
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Controlled Baseline
•
One Assembly and Test Site
•
One Fabrication Site
•
Available in Military (–55°C to 125°C)
Temperature Range (1)
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
(1)
Custom temperature ranges available
DESCRIPTION
The CDCVF2310 is a high-performance, low-skew clock buffer that operates up to 200 MHz. Two banks of five
outputs each provide low-skew copies of CLK. After power up, the default state of the outputs is low regardless
of the state of the control pins. For normal operation, the outputs of bank 1Y[0:4] or 2Y[0:4] can be placed in a
low state when the control pins (1G or 2G, respectively) are held low and a negative clock edge is detected on
the CLK input. The outputs of bank 1Y[0:4] or 2Y[0:4] can be switched into the buffer mode when the control pins
(1G and 2G) are held high and a negative clock edge is detected on the CLK input. The device operates in a
2.5-V and 3.3-V environment. The built-in output enable glitch suppression ensures a synchronized output enable
sequence to distribute full period clock signals.
The CDCVF2310 is characterized for operation from –55°C to 125°C.
Table 1. ORDERING INFORMATION(1)
TJ
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VID NUMBER
CDCVF2310MPWREP
CKV2310EP
V62/13603-01XE
–55°C to 125°C
TSSOP - PW
CDCVF2310MPWEP
CKV2310EP
V62/13603-01XE-T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCVF2310MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI-CDCVF2310 Datasheet
736Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
High-Performance Clock Buffer
CDCVF2310 TI2-CDCVF2310 Datasheet
506Kb / 25P
CDCVF2310 2.5-V to 3.3-V High-Performance Clock Buffer
REVISED OCTOBER 2015
CDCVF2310-EP TI2-CDCVF2310-EP Datasheet
506Kb / 25P
CDCVF2310 2.5-V to 3.3-V High-Performance Clock Buffer
REVISED OCTOBER 2015
More results

Similar Description - CDCVF2310MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com