Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF2310MPWREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310MPWREP
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310MPWREP Datasheet(HTML) 5 Page - Texas Instruments

  CDCVF2310MPWREP Datasheet HTML 1Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 2Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 3Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 4Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 5Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 6Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 7Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 8Page - Texas Instruments CDCVF2310MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CDCVF2310-EP
www.ti.com
SCAS934 – DECEMBER 2012
ELECTRICAL CHARACTERISTICS
over recommended operating junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input voltage
VDD = 3 V,
II = –18 mA
–1.2
V
II
Input current
VI = 0 V or VDD
±5
μA
IDD
(2)
Static device current
CLK = 0 V or VDD,
IO = 0 mA
100
μA
CI
Input capacitance
VDD = 2.3 V to 3.6 V,
VI = 0 V or VDD
2.5
pF
CO
Output capacitance
VDD = 2.3 V to 3.6 V,
VI = 0 V or VDD
2.8
pF
VDD = 3.3 V ±0.3 V
VDD = min to max,
IOH = –100 μA
VDD – 0.2
VOH
High-level output voltage
IOH = –12 mA
2.1
V
VDD = 3 V
IOH = –6 mA
2.4
VDD = min to max,
IOL = –100 μA
0.2
VOL
Low-level output voltage
IOL = 12 mA
0.8
V
VDD = 3 V
IOL = 6 mA
0.55
VDD = 3 V,
VO = 1 V
–28
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–36
mA
VDD = 3.6 V,
VO = 3.135 V
–14
VDD = 3 V,
VO = 1.95 V
28
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
36
mA
VDD = 3.6 V,
VO = 0.4 V
14
VDD = 2.5 V ±0.2 V
VDD = min to max,
IOH = –100 μA
VDD – 0.2
VOH
High-level output voltage
V
VDD = 2.3 V
IOH = –6 mA
1.8
VDD = min to max,
IOL = 100 μA
0.2
VOL
Low-level output voltage
V
VDD = 2.3 V
IOL = 6 mA
0.55
VDD = 2.3 V,
VO = 1 V
–15
IOH
High-level output current
VDD = 2.5 V,
VO = 1.25 V
–25
mA
VDD = 2.7 V,
VO = 2.375 V
–10
VDD = 2.3 V,
VO = 1.2 V
15
IOL
Low-level output current
VDD = 2.5 V,
VO = 1.25 V
25
mA
VDD = 2.7 V,
VO = 0.3 V
10
(1)
All typical values are at respective nominal VDD.
(2)
For ICC over frequency, see Figure 6.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDCVF2310-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com