Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD17381F4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17381F4
Description  30 V N-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17381F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17381F4 Datasheet HTML 1Page - Texas Instruments CSD17381F4 Datasheet HTML 2Page - Texas Instruments CSD17381F4 Datasheet HTML 3Page - Texas Instruments CSD17381F4 Datasheet HTML 4Page - Texas Instruments CSD17381F4 Datasheet HTML 5Page - Texas Instruments CSD17381F4 Datasheet HTML 6Page - Texas Instruments CSD17381F4 Datasheet HTML 7Page - Texas Instruments CSD17381F4 Datasheet HTML 8Page - Texas Instruments CSD17381F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
D
G
S
0.35
mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD17381F4
SLPS411D – APRIL 2013 – REVISED OCTOBER 2014
CSD17381F4 30 V N-Channel FemtoFET™ MOSFET
1 Features
Product Summary
1
•
Ultra-Low On-Resistance
TA = 25°C
TYPICAL VALUE
UNIT
•
Ultra-Low Qg and Qgd
VDS
Drain-to-Source Voltage
30
V
•
Low Threshold Voltage
Qg
Gate Charge Total (4.5 V)
1040
pC
Qgd
Gate Charge Gate-to-Drain
133
pC
•
Ultra-Small Footprint (0402 Case Size)
VGS = 1.8 V
160
m
Ω
–
1.0 mm × 0.6 mm
RDS(on)
Drain-to-Source On-Resistance
VGS = 2.5 V
110
m
Ω
•
Ultra-Low Profile
VGS = 4.5 V
90
m
Ω
–
0.35 mm Height
VGS(th)
Threshold Voltage
0.85
V
•
Integrated ESD Protection Diode
–
Rated >4 kV HBM
.
Ordering Information(1)
–
Rated >2 kV CDM
Device
Qty
Media
Package
Ship
•
Lead and Halogen Free
CSD17381F4
3000
Femto (0402) 1.0 mm
7-Inch
Tape and
•
RoHS Compliant
×0.6 mm SMD Lead
Reel
Reel
CSD17381F4T
250
Less
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Optimized for Load Switch Applications
•
Optimized for General Purpose Switching
Absolute Maximum Ratings
Applications
TA = 25°C unless otherwise stated
VALUE
UNIT
•
Single-Cell Battery Applications
VDS
Drain-to-Source Voltage
30
V
VGS
Gate-to-Source Voltage
12
V
•
Handheld and Mobile Applications
ID
Continuous Drain Current, TA = 25°C
(1)
3.1
A
IDM
Pulsed Drain Current, TA = 25°C
(2)
10
A
3 Description
Continuous Gate Clamp Current
35
This 90 m
Ω, 30 V N-Channel FemtoFET™ MOSFET
IG
mA
Pulsed Gate Clamp Current(2)
350
technology is designed and optimized to minimize the
footprint in many handheld and mobile applications.
PD
Power Dissipation(1)
500
mW
This technology is capable of replacing standard
Human Body Model (HBM)
4
kV
ESD
small signal MOSFETs while providing at least a 60%
Rating Charged Device Model (CDM)
2
kV
reduction in footprint size.
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
.
Avalanche Energy, single pulse ID = 7.4 A,
EAS
2.7
mJ
L = 0.1 mH, RG = 25 Ω
Typical Part Dimensions
(1) Typical RθJA = 90°C/W on 1 inch
2
(6.45 cm2), 2 oz.
(0.071 mm thick) Cu pad on a 0.06 inch (1.52 mm) thick FR4
PCB.
(2) Pulse duration
≤300 μs, duty cycle ≤2%
Top View
.
.
.
.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD17381F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
30-V, N-Channel NexFET??Power MOSFETs
CSD17381F4 TI2-CSD17381F4 Datasheet
937Kb / 13P
CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
REVISED JANUARY 2022
CSD17381F4.B TI2-CSD17381F4.B Datasheet
937Kb / 13P
CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
REVISED JANUARY 2022
CSD17381F4T TI2-CSD17381F4T Datasheet
937Kb / 13P
CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
REVISED JANUARY 2022
CSD17381F4T.B TI2-CSD17381F4T.B Datasheet
937Kb / 13P
CSD17381F4 30-V N-Channel FemtoFET™ MOSFET
REVISED JANUARY 2022
More results

Similar Description - CSD17381F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
588Kb / 12P
CSD17483F4, 30 V N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
30-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com