Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7938 Datasheet HTML 17Page - Analog Devices AD7938 Datasheet HTML 18Page - Analog Devices AD7938 Datasheet HTML 19Page - Analog Devices AD7938 Datasheet HTML 20Page - Analog Devices AD7938 Datasheet HTML 21Page - Analog Devices AD7938 Datasheet HTML 22Page - Analog Devices AD7938 Datasheet HTML 23Page - Analog Devices AD7938 Datasheet HTML 24Page - Analog Devices AD7938 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Preliminary Technical Data
AD7938/AD7939
Using an Op Amp Pair
When a conversion takes place, the common mode is rejected
resulting in a virtually noise free signal of amplitude −VREF to
+VREF corresponding to the digital codes of 0 to 4096 for the
AD7938 and 0 to 1024 for the AD7939. If the 2 × VREF range was
used then the input signal amplitude would extend from −2VREF
to +2VREF after conversion.
An op amp pair can be used to directly couple a differential
signal to one of the analog input pairs of the AD7938/AD7939.
The circuit configurations shown in
and
show how a dual op amp can be used to convert a single-ended
signal into a differential signal for both a bipolar and unipolar
input signal, respectively.
Figure 30
Figure 30
Figure 30
Figure 30. Dual Op Amp Circuit to Convert a Single-Ended
Unipolar Signal into a Differential Signal
Figure 31
Figure 31
Figure 31
Figure 31. Dual Op Amp Circuit to Convert a Single-Ended
Bipolar Signal into a Differential Unipolar Signal
VREF (V)
3.5
3.0
2.0
1.5
2.5
1.0
0.5
0
0
0.5
1.5
1.0
2.0
2.5
3.0
The voltage applied to Point A sets up the common-mode
voltage. In both diagrams, it is connected in some way to the
reference, but any value in the common-mode range can be
input here to set up the common mode. A suitable dual op amp
that could be used in this configuration to provide differential
drive to the AD7938/AD7939 is the AD8022.
Take care when choosing the op amp; the selection depends on
the required power supply and system performance objectives.
The driver circuits in
and
are optimized for
dc coupling applications requiring best distortion performance.
The circuit configuration shown in
converts a
unipolar, single-ended signal into a differential signal.
Figure 28. Input Common-Mode Range vs. VREF (0 to VREF Range, VDD = 5 V)
The differential op amp driver circuit in
is configured
to convert and level shift a single-ended, ground-referenced
(bipolar) signal to a differential signal centered at the VREF level
of the ADC.
VREF (V)
4.5
4.0
3.0
1.5
2.0
2.5
3.5
1.0
0.5
0
0.1
0.6
1.6
1.1
2.1
2.6
2
× VREF p-p
GND
390
Ω
220
Ω
220
Ω
220
Ω
20k
Ω
220
Ω
10k
Ω
27
Ω
27
Ω
V+
V–
V+
V–
A
VIN+
VIN–
VREF
AD7938/
AD7939
0.47
µF
3.75V
2.5V
1.25V
3.75V
2.5V
1.25V
Figure 29. Input Common-Mode Range vs. VREF (2 × VREF Range, VDD = 5 V)
Driving Differential Inputs
Differential operation requires that VIN+ and VIN− be
simultaneously driven with two equal signals that are 180° out
of phase. The common mode must be set up externally and has
a range that is determined by VREF, the power supply, and the
particular amplifier used to drive the analog inputs. Differential
modes of operation with either an ac or dc input provide the
best THD performance over a wide frequency range. Since not
all applications have a signal preconditioned for differential
operation, there is often a need to perform single-ended-to-
differential conversion.
2
× VREF p-p
VREF
GND
390
Ω
220
Ω
220
Ω
20k
Ω
220
Ω
10k
Ω
27
Ω
27
Ω
V+
V–
V+
V–
A
VIN+
VIN–
VREF
AD7938/
AD7939
0.47
µF
3.75V
2.5V
1.25V
3.75V
2.5V
1.25V
Rev. PrN | Page 21 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com