Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7938
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7938 Datasheet HTML 24Page - Analog Devices AD7938 Datasheet HTML 25Page - Analog Devices AD7938 Datasheet HTML 26Page - Analog Devices AD7938 Datasheet HTML 27Page - Analog Devices AD7938 Datasheet HTML 28Page - Analog Devices AD7938 Datasheet HTML 29Page - Analog Devices AD7938 Datasheet HTML 30Page - Analog Devices AD7938 Datasheet HTML 31Page - Analog Devices AD7938 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD7938/AD7939
Preliminary Technical Data
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
BOTTOM
VIEW
0.50
0.40
0.30
3.50 REF
0.50
BSC
3.25
3.10 SQ
2.95
0.60 MAX
0.60 MAX
0.25 MIN
TOP
VIEW
PIN 1
INDICATOR
PIN 1
INDICATOR
5.00
BSC SQ
4.75
BSC SQ
Figure 49. 32-Lead Lead Frame Chip Scale Package [LFCSP], (CP-32)—Dimensions shown in millimeters
0.45
0.37
0.30
0.80
BSC
7.00
SQ
9.00 SQ
1
24
25
32
8
9
17
16
1.20
MAX
0.75
0.60
0.45
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
SEATING
PLANE
0° MIN
7°
3.5°
0°
0.15
0.05
VIEW A
ROTATED 90° CCW
VIEW A
PIN 1
TOP VIEW
(PINS DOWN)
COMPLIANT TO JEDEC STANDARDS MS-026ABA
Figure 50. 32-Lead Thin Plastic Quad Flat Package [TQFP], (SU-32)—Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Linearity Error (LSB)1
Package Option
Package Descriptions
AD7938BCP
–40°C to +85°C
±1
CP-32
LFCSP
AD7939BCP
–40°C to +85°C
±1
CP-32
LFCSP
AD7938BSU
–40°C to +85°C
±1
SU-32
TQFP
AD7939BSU
–40°C to +85°C
±1
SU-32
TQFP
EVAL-ADxxxxCB2
Evaluation Board
EVAL-CONTROL BRD23
Controller Board
1 Linearity error here refers to integral linearity error.
2 This can be used as a stand-alone evaluation board or in conjunction with the Evaluation Board Controller for evaluation/demonstration purposes.
3 Evaluation Board Controller. This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB
designators. The following needs to be ordered to obtain a complete evaluation kit: the ADC Evaluation Board (EVALADxxxxCB), the EVAL-CONTROL BRD2 and a 12 V
ac transformer. See the ADxxxx evaluation board technical note for more details.
©2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
Rev. PrN | Page 32 of 32
PR03715-0-8/04(PrN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com