Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328ACP Datasheet(PDF) 4 Page - Analog Devices

Part # AD8328ACP
Description  5 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ACP Datasheet(HTML) 4 Page - Analog Devices

  AD8328ACP Datasheet HTML 1Page - Analog Devices AD8328ACP Datasheet HTML 2Page - Analog Devices AD8328ACP Datasheet HTML 3Page - Analog Devices AD8328ACP Datasheet HTML 4Page - Analog Devices AD8328ACP Datasheet HTML 5Page - Analog Devices AD8328ACP Datasheet HTML 6Page - Analog Devices AD8328ACP Datasheet HTML 7Page - Analog Devices AD8328ACP Datasheet HTML 8Page - Analog Devices AD8328ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
–4–
AD8328
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltage
VIN+, VIN– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 V p-p
DATEN, SDATA, CLK,
SLEEP, TXEN . . . . . . . . . . . . . . . . . . . . –0.8 V to +5.5 V
Internal Power Dissipation
QSOP, LFCSP . . . . . . . . . . . . . . . . . . . . . . . . . . . 700 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 seconds . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8328 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATIONS
ORDERING GUIDE
Model
Temperature Range
Package Description
θ
JA
Package Option
AD8328ARQ
–40
°C to +85°C
20-Lead QSOP
83.2
°C/W1
RQ-20
AD8328ARQ-REEL
–40
°C to +85°C
20-Lead QSOP
83.2
°C/W1
RQ-20
AD8328ARQ-EVAL
Evaluation Board
AD8328ACP
–40
°C to +85°C
20-Lead LFCSP
30.4
°C/W2
CP-20
AD8328ACP-REEL
–40
°C to +85°C
20-Lead LFCSP
30.4
°C/W2
CP-20
AD8328ACP-EVAL
Evaluation Board
1Thermal Resistance measured on SEMI standard 4-layer board.
2Thermal Resistance measured on SEMI standard 4-layer board, paddle soldered to board.
20-Lead
QSOP
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD8328
TXEN
SDATA
VCC
CLK
VIN+
SLEEP
BYP
NC
VOUT+
NC = NO CONNECT
GND
GND
GND
VIN–
GND
RAMP
VOUT–
GND
VCC
DATEN
GND
20-Lead
LFCSP
TOP VIEW
(Not to Scale)
AD8328
1
2
3
4
5
15
14
13
12
11
16
17
20 19 18
6
789
10
GND
GND
GND
VIN+
VIN–
RAMP
VOUT+
VOUT–
BYP
NC
PIN FUNCTION DESCRIPTIONS
Pin No.
Pin No.
20-Lead
20-Lead
LFCSP
QSOP
Mnemonic
Description
1 ,2, 5,
1, 3, 4, 7,
GND
Common External Ground Reference
9, 18, 19
11, 20
17, 20
2, 19
VCC
Common Positive External Supply Voltage. A 0.1
µF capacitor must decouple each pin.
35
VIN+
Noninverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1
µF capacitor.
46
VIN–
Inverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1
µF capacitor.
68
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register. A Logic 0-to-1
transition transfers the latched data to the attenuator core (updates the gain) and simultaneously
inhibits serial data transfer into the register. A 1-to-0 transition inhibits the data latch (holds the previous
gain state) and simultaneously enables the register for serial data load.
79
SDATA
Serial Data Input. This digital input allows for an 8-bit serial (gain) word to be loaded into the internal
register with the MSB (most significant bit) first.
810CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit master-slave
register. A Logic 0-to-1 transition latches the data bit and a 1-to-0 transfers the data bit to the slave.
This requires the input serial data-word to be valid at or before this clock transition.
10
12
SLEEP
Low Power Sleep Mode. In the Sleep mode, the AD8328’s supply current is reduced to 20
µA. A Logic 0
powers down the part (High ZOUT State), and a Logic 1 powers up the part.
12
14
BYP
Internal Bypass. This pin must be externally ac-coupled (0.1
µF capacitor).
13
15
VOUT–
Negative Output Signal
14
16
VOUT+
Positive Output Signal
15
17
RAMP
External RAMP Capacitor (optional)
16
18
TXEN
Logic 0 disables forward transmission. Logic 1 enables forward transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com