Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328ACP Datasheet(PDF) 1 Page - Analog Devices

Part # AD8328ACP
Description  5 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ACP Datasheet(HTML) 1 Page - Analog Devices

  AD8328ACP Datasheet HTML 1Page - Analog Devices AD8328ACP Datasheet HTML 2Page - Analog Devices AD8328ACP Datasheet HTML 3Page - Analog Devices AD8328ACP Datasheet HTML 4Page - Analog Devices AD8328ACP Datasheet HTML 5Page - Analog Devices AD8328ACP Datasheet HTML 6Page - Analog Devices AD8328ACP Datasheet HTML 7Page - Analog Devices AD8328ACP Datasheet HTML 8Page - Analog Devices AD8328ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD8328*
5 V Upstream
Cable Line Driver
FEATURES
Supports DOCSIS and EuroDOCSIS Standards for
Reverse Path Transmission Systems
Gain Programmable in 1 dB Steps over a 59 dB Range
Low Distortion at 60 dBmV Output:
–57.5 dBc SFDR at 21 MHz
–54 dBc SFDR at 65 MHz
Output Noise Level @ Minimum Gain 1.2 nV/
√Hz
Maintains 300
Output Impedance TX-Enable and
Transmit-Disable Condition
Upper Bandwidth: 107 MHz (Full Gain Range)
5 V Supply Operation
Supports SPI Interfaces
APPLICATIONS
DOCSIS and EuroDOCSIS Cable Modems
CATV Set-Top Boxes
CATV Telephony Modems
Coaxial and Twisted Pair Line Driver
GENERAL DESCRIPTION
The AD8328 is a low cost amplifier designed for coaxial line
driving. The features and specifications make the AD8328
ideally suited for MCNS-DOCSIS and Euro-DOCSIS applica-
tions. The gain of the AD8328 is digitally controlled. An 8-bit
serial word determines the desired output gain over a 59 dB range,
resulting in gain changes of 1 dB/LSB.
The AD8328 accepts a differential or single-ended input signal. The
output is specified for driving a 75
Ω load through a 2:1 transformer.
Distortion performance of –53 dBc is achieved with an output
level up to 60 dBmV at 65 MHz bandwidth over a wide tempera-
ture range.
This device has a sleep mode function that reduces the quiescent
current to 2.6 mA and a full power-down function that reduces
power-down current to 20
µA.
The AD8328 is packaged in a low cost 20-lead LFCSP package
and a 20-lead QSOP package. The AD8328 operates from a single
5V supply and has an operational temperature range of –40
°C
to +85
°C.
FUNCTIONAL BLOCK DIAGRAM
DIFF OR
SINGLE
INPUT
AMP
ATTENUATION
CORE
ZOUT DIFF =
300
8
8
8
ZIN (SINGLE) = 800
ZIN (DIFF) = 1.6k
AD8328
DATEN SDATA CLK
TXEN
SLEEP
VOUT+
VOUT–
VIN+
VIN–
VERNIER
DECODE
DATA LATCH
SHIFT
REGISTER
POWER-DOWN
LOGIC
POWER
AMP
BYP
GND
RAMP
5
15
25
35
45
55
65
FREQUENCY – MHz
VOUT = 60dBmV
@MAX GAIN,
THIRD HARMONIC
VOUT = 60 dBmV
@MAX GAIN,
SECOND HARMONIC
–70
–68
–66
–64
–62
–60
–58
–56
–54
–52
–50
Figure 1. Worst Harmonic Distortion vs. Frequency
*Patent Pending


Similar Part No. - AD8328ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8328ACP AD-AD8328ACP Datasheet
675Kb / 20P
5 V Upstream Cable Line Driver
10/05-Rev. 0 to Rev. A
AD8328ACP-EVAL AD-AD8328ACP-EVAL Datasheet
675Kb / 20P
5 V Upstream Cable Line Driver
10/05-Rev. 0 to Rev. A
AD8328ACP-REEL AD-AD8328ACP-REEL Datasheet
675Kb / 20P
5 V Upstream Cable Line Driver
10/05-Rev. 0 to Rev. A
AD8328ACP-REEL7 AD-AD8328ACP-REEL7 Datasheet
675Kb / 20P
5 V Upstream Cable Line Driver
10/05-Rev. 0 to Rev. A
AD8328ACPZ AD-AD8328ACPZ Datasheet
675Kb / 20P
5 V Upstream Cable Line Driver
10/05-Rev. 0 to Rev. A
More results

Similar Description - AD8328ACP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3532 MAXIM-MAX3532 Datasheet
84Kb / 8P
Upstream CATV Driver Amplifier
Rev 1; 6/98
logo
Analog Devices
AD8324 AD-AD8324 Datasheet
516Kb / 16P
3.3 V Upstream Cable Line Driver
10/03-Revision 0
AD45048 AD-AD45048 Datasheet
153Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
9/05-Rev. 0 to Rev. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
Analog Devices
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
3.3 V Upstream Cable Line Driver
7/05-Rev. 0 to Rev. A
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
5 V Upstream Cable Line Driver
10/05-Rev. 0 to Rev. A
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
3.3 V Upstream Cable Line Driver
REV. B
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com