Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328ACP Datasheet(PDF) 3 Page - Analog Devices

Part # AD8328ACP
Description  5 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ACP Datasheet(HTML) 3 Page - Analog Devices

  AD8328ACP Datasheet HTML 1Page - Analog Devices AD8328ACP Datasheet HTML 2Page - Analog Devices AD8328ACP Datasheet HTML 3Page - Analog Devices AD8328ACP Datasheet HTML 4Page - Analog Devices AD8328ACP Datasheet HTML 5Page - Analog Devices AD8328ACP Datasheet HTML 6Page - Analog Devices AD8328ACP Datasheet HTML 7Page - Analog Devices AD8328ACP Datasheet HTML 8Page - Analog Devices AD8328ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
AD8328
–3–
LOGIC INPUTS (TTL/CMOS Compatible Logic)
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.1
5.0
V
Logic 0 Voltage
0
0.8
V
Logic 1 Current (VINH = 5 V) CLK, SDATA, DATEN
020
nA
Logic 0 Current (VINL = 0 V) CLK, SDATA, DATEN
–600
–100
nA
Logic 1 Current (VINH = 5 V) TXEN
50
190
µA
Logic 0 Current (VINL = 0 V) TXEN
–250
–30
µA
Logic 1 Current (VINH = 5 V) SLEEP
50
190
µA
Logic 0 Current (VINL = 0 V) SLEEP
–250
–30
µA
Specifications subject to change without notice.
TIMING REQUIREMENTS
Parameter
Min
Typ
Max
Unit
Clock Pulsewidth (tWH)16.0
ns
Clock Period (tC)32.0
ns
Setup Time SDATA vs. Clock (tDS)
5.0
ns
Setup Time
DATEN vs. Clock (t
ES)15.0
ns
Hold Time SDATA vs. Clock (tDH)
5.0
ns
Hold Time
DATEN vs. Clock (t
EH)
3.0
ns
Input Rise and Fall Times, SDATA,
DATEN, Clock (t
R, tF)10
ns
Specifications subject to change without notice.
t
ES
VALID DATA-WORD G1
MSB. . . .LSB
GAIN TRANSFER (G1)
t
DS
t
EH
8 CLOCK CYCLES
GAIN TRANSFER (G2)
t
OFF
t
GS
ANALOG
OUTPUT
SIGNAL AMPLITUDE (p-p)
TXEN
CLK
SDATA
DATEN
t
ON
tC
t
WH
VALID DATA-WORD G2
Figure 2. Serial Interface Timing
VALID DATA BIT
MSB
MSB-1
MSB-2
t
DS
t
DH
SDATA
CLK
Figure 3. SDATA Timing
(Full Temperature Range, VCC = 5 V, tR = tF = 4 ns, fCLK = 8 MHz, unless otherwise noted.)
(
DATEN, CLK, SDATA, TXEN, SLEEP, V
CC = 5 V. Full Temperature Range.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com