Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350-R1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350-R1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ78350-R1 Datasheet HTML 14Page - Texas Instruments BQ78350-R1 Datasheet HTML 15Page - Texas Instruments BQ78350-R1 Datasheet HTML 16Page - Texas Instruments BQ78350-R1 Datasheet HTML 17Page - Texas Instruments BQ78350-R1 Datasheet HTML 18Page - Texas Instruments BQ78350-R1 Datasheet HTML 19Page - Texas Instruments BQ78350-R1 Datasheet HTML 20Page - Texas Instruments BQ78350-R1 Datasheet HTML 21Page - Texas Instruments BQ78350-R1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
bq78350-R1
SLUSCD0 – AUGUST 2015
www.ti.com
10.2.3.1 Measurement System
10.2.3.1.1
Cell Voltages
The bq78350-R1 is required to be configured in the AFE Cell Map register to determine which cells to measure
based on the physical connections to the bq76920 AFE. The cell voltage data is available through
CellVoltage1()…CellVoltage5(). The cell voltages are reported as they are physically stacked. For example, if the
device is configured for 3-series cells connected to VC1, VC2, and VC5 per the AFE Cell Map, then the cell
voltages are still reported via CellVoltage1(), CellVoltage2(), and CellVoltage3(), respectively.
For improved accuracy, offset calibration is available for each of these values and can be managed through the
bqSTUDIO tool. The procedure for calibration is described in the bq78350-R1 Technical Reference Manual
(SLUUBD3) in the "Calibration" chapter.
10.2.3.1.2
External Average Cell Voltage
This is enabled by default (DA Configuration [ExtAveEN] = 1) and uses the external resistor divider connected
to the VEN and BAT pins to determine the average cell voltage of the battery pack. The average cell voltage is
available through ExtAveCellVoltage().
CAUTION
Care should be taken in the selection of the resistor and FETs used in this divider
circuit as the tolerance and temperature drift of these components can cause
increased measurement error and a gas gauging error if CEDV Gauging Config
[ExtAveCell] = 1 (default = 1).
For improved accuracy, offset and Gain calibration is available for this value and can be managed through the
bqSTUDIO tool. The procedure for calibration is described in the bq78350-R1 Technical Reference Manual
(SLUUBD3) in the "Calibration" chapter.
10.2.3.1.3
Current
Current data is taken from the bq76920 and made available through Current(). The selection of the current sense
resistor connected to SRP and SRN of the bq76920 is very important and there are several factors involved.
The aim of the sense resistor selection is to use the widest ADC input voltage range possible.
To maximize accuracy, the sense resistor value should be calculated based on the following formula:
RSNS(min) = V(SRP) – V(SRN) / I(max)
(1)
Where: |V(SRP) – V(SRN)| = 200 mV
I(max) = Maximum magnitude of charge of discharge current (transient or DC)
NOTE
RSNS(min) should include tolerance, temperature drift over the application temperature,
and PCB layout tolerances when selecting the actual nominal resistor value.
When selecting the RSNS value, be aware that when selecting a small value, for example,
1 m
Ω, then the resolution of the current measurement will be > 1 mA. In the example of
RSNS = 1 m
Ω, the current LSB will be 8.44 mA.
For improved accuracy, offset and gain calibration are available for this value and can be managed through the
bqSTUDIO tool. The procedure for calibration is described in the bq78350-R1 Technical Reference Manual
(SLUUBD3) in the "Calibration" chapter.
10.2.3.1.4
Temperature
By default, the 78350 uses an external negative temperature coefficient (NTC) thermistor connected to the
bq76920 as the source for the Temperature() data. The measurement uses a polynomial expression to transform
the bq76920 ADC measurement into 0.1°C resolution temperature measurement. The default polynomial
coefficients are calculated using the Semitec 103AT, although other resistances and manufacturers can be used.
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com