Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350-R1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350-R1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ78350-R1 Datasheet HTML 18Page - Texas Instruments BQ78350-R1 Datasheet HTML 19Page - Texas Instruments BQ78350-R1 Datasheet HTML 20Page - Texas Instruments BQ78350-R1 Datasheet HTML 21Page - Texas Instruments BQ78350-R1 Datasheet HTML 22Page - Texas Instruments BQ78350-R1 Datasheet HTML 23Page - Texas Instruments BQ78350-R1 Datasheet HTML 24Page - Texas Instruments BQ78350-R1 Datasheet HTML 25Page - Texas Instruments BQ78350-R1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
±10
±8
±6
±4
±2
0
2
4
6
8
10
±20
0
20
40
60
80
Forced Temperature (
ƒC)
C009
At
±2000mA
±14
±12
±10
±8
±6
±4
±2
0
2
4
6
±20
0
20
40
60
80
Forced Temperature (
ƒC)
C007
±10
±8
±6
±4
±2
0
2
4
6
8
10
±20
0
20
40
60
80
Forced Temperature (
ƒC)
C008
At 2000mA
±10
±8
±6
±4
±2
0
2
4
6
8
10
±40
±20
0
20
40
60
80
100
Forced Temperature (
ƒC)
C006
At 4200mV
bq78350-R1
SLUSCD0 – AUGUST 2015
www.ti.com
Figure 11, Figure 12, Figure 13, and Figure 14 show Measurement System Performance Data of the bq78350-
R1 + the bq76920 EVM. This data was taken using a standard bq76920 EVM with power supplies providing the
voltage and current reference inputs.
Figure 11. Cell Voltage Error Reported Through
Figure 12. Battery Charge Current Error Reported Through
CellVoltage1…5()
Current()
Figure 13. Battery Discharge Current Error Reported
Figure 14. Battery Temperature (External) Error Reported
Through Current()
Through Temperature()
22
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com