Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350-R1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350-R1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ78350-R1 Datasheet HTML 8Page - Texas Instruments BQ78350-R1 Datasheet HTML 9Page - Texas Instruments BQ78350-R1 Datasheet HTML 10Page - Texas Instruments BQ78350-R1 Datasheet HTML 11Page - Texas Instruments BQ78350-R1 Datasheet HTML 12Page - Texas Instruments BQ78350-R1 Datasheet HTML 13Page - Texas Instruments BQ78350-R1 Datasheet HTML 14Page - Texas Instruments BQ78350-R1 Datasheet HTML 15Page - Texas Instruments BQ78350-R1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
bq78350-R1
SLUSCD0 – AUGUST 2015
www.ti.com
Feature Description (continued)
9.3.7.1 Current and Coulomb Counting
The integrating delta-sigma ADC (CC) in the companion bq769x0 AFE measures the charge/discharge flow of
the battery by measuring the voltage drop across a small-value sense resistor between the SRP and SRN pins.
The 15-bit integrating ADC measures bipolar signals from –0.20 V to 0.20 V with 15-µV resolution. The AFE
reports charge activity when VSR = V(SRP) – V(SRN) is positive, and discharge activity when VSR = V(SRP) – V(SRN)
is negative. The bq78350-R1 continuously monitors the measured current and integrates the digital signal from
the AFE over time, using an internal counter.
To support large battery configurations, the current data can be scaled to ensure accurate reporting through the
SMBus. The data reported is scaled based on the setting of the SpecificationInfo() command.
9.3.7.2 Voltage
The bq78350-R1 updates the individual series cell voltages through the bq769x0 at 1-s intervals. The bq78350-
R1 configures the bq769x0 to connect to the selected cells in sequence and uses this information for cell
balancing and individual cell fault functions. The internal 14-bit ADC of the bq769x0 measures each cell voltage
value, which is then communicated digitally to the bq78350-R1 where they are scaled and translated into unit
mV. The maximum supported input range of the ADC is 6.075 V.
The bq78350-R1 also separately measures the average cell voltage through an external translation circuit at the
BAT pin. This value is specifically used for the fuel gauge algorithm. The external translation circuit is controlled
via the VEN pin so that the translation circuit is only enabled when required to reduce overall power
consumption. For correct operation, VEN requires an external pull-up to VCC, typically 100 k.
In addition to the voltage measurements used by the bq78350-R1 algorithms, there is an optional auxiliary
voltage measurement capability via the VAUX pin. This feature measures the input on a 1-s update rate and
provides the programmable scaled value through an SMBus command.
To support large battery configurations, the voltage data can be scaled to ensure accurate reporting through the
SMBus. The data reported is scaled based on the setting of the SpecificationInfo() command.
9.3.7.3 Temperature
The bq78350-R1 receives temperature information from external or internal temperature sensors in the bq769x0
AFE. Depending on the number of series cells supported, the AFE will provide one, two, or three external
thermistor measurements.
9.4 Device Functional Modes
The bq78350-R1 supports three power modes to optimize the power consumption:
•
In NORMAL mode, the bq78350-R1 performs measurements, calculations, protection decisions, and data
updates in 1-s intervals. Between these intervals, the bq78350-R1 is in a reduced power mode.
•
In SLEEP mode, the bq78350-R1 performs measurements, calculations, protection decisions, and data
updates in adjustable time intervals. Between these intervals, the bq78350-R1 is in a reduced power mode.
•
In SHUTDOWN mode, the bq78350-R1 is completely powered down.
The bq78350-R1 indicates through the PWRM pin which power mode it is in. This enables other circuits to
change based on the power mode detection criteria of the bq78350-R1.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com