Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCB Datasheet(PDF) 34 Page - Analog Devices

Part # AD9954/PCB
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9954/PCB Datasheet HTML 28Page - Analog Devices AD9954/PCB Datasheet HTML 29Page - Analog Devices AD9954/PCB Datasheet HTML 30Page - Analog Devices AD9954/PCB Datasheet HTML 31Page - Analog Devices AD9954/PCB Datasheet HTML 32Page - Analog Devices AD9954/PCB Datasheet HTML 33Page - Analog Devices AD9954/PCB Datasheet HTML 34Page - Analog Devices AD9954/PCB Datasheet HTML 35Page - Analog Devices AD9954/PCB Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9954
Rev. 0 | Page 34 of 36
Table 13 indicates the logic level for each power-down bit that
drives out of the AD9954 core logic to the analog section and
the digital clock generation section of the chip for the external
power-down operation.
Layout Considerations
For the best performance, the following layout guidelines
should be observed. Always provide the analog power supply
(AVDD) and the digital power supply (DVDD) on separate
supplies, even if just from two different voltage regulators
driven by a common supply. Likewise, the ground connections
(AGND, DGND) should be kept separate as far back to the
source as possible (i.e., separate the ground planes on a local-
ized board, even if the grounds connect to a common point in
the system). Bypass capacitors should be placed as close to the
device pin as possible. Usually a multitiered bypassing scheme
consisting of a small high frequency capacitor (100 pF) placed
close to the supply pin and progressively larger capacitors
(0.1 µF, 10 µF) further back to the actual supply source works best.
Table 13. Power-Down Control Functions
Control
Mode Active
Description
PWRDWNCTL = 0 CFR1<3> Don’t Care
Software Control
Digital Power-Down = CFR1<7>
Comparator Power-Down = CFR1<6>
DAC Power-Down = CFR1<5>
Input Clock Power-Down = CFR1<4>
PWRDWNCTL = 1 CFR1<3> = 0
External Control,
Fast Recovery Power-Down Mode
Digital Power-Down = 1’b1
Comparator Power-Down = 1’b0 Or CFR1<6>
DAC Power-Down = 1’b0
Input Clock Power-Down = 1’b0
PWRDWNCTL = 1 CFR1<3> = 1
External Control,
Full Power-Down Mode
Digital Power-Down = 1’b1
Comparator Power-Down = 1’b1
DAC Power-Down = 1’b1
Input Clock Power-Down = 1’b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com