Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9954/PCB
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9954/PCB Datasheet HTML 15Page - Analog Devices AD9954/PCB Datasheet HTML 16Page - Analog Devices AD9954/PCB Datasheet HTML 17Page - Analog Devices AD9954/PCB Datasheet HTML 18Page - Analog Devices AD9954/PCB Datasheet HTML 19Page - Analog Devices AD9954/PCB Datasheet HTML 20Page - Analog Devices AD9954/PCB Datasheet HTML 21Page - Analog Devices AD9954/PCB Datasheet HTML 22Page - Analog Devices AD9954/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD9954
Rev. 0 | Page 19 of 36
CFR1<22> = 1. The software controlled manual synchroniza-
tion feature is executed. The SYNC_CLK rising edge is
advanced by one SYNC_CLK cycle and this bit is cleared. To
advance the rising edge multiple times, this bit needs to be set
for each advance. See the Synchronizing Multiple AD9954s sec-
tion for details.
CFR1<21>: Linear Frequency Sweep Enable
CFR1<21> = 0 (default). The linear frequency sweep capability
of the AD9954 is inactive.
CFR1<21> = 1, the linear frequency sweep capability of the
AD9954 is enabled. When enabled, either the rising or falling
delta frequency tuning word is applied to the frequency accu-
mulator at the programmed ramp rate, causing the output fre-
quency to ramp up or ramp down, controlled by the Profile 0
input. See the Linear Sweep Mode section for details.
CFR1<20:16>: Not Used
CFR1<15>: Linear Sweep Ramp Rate Load Control Bit
CFR1<15> = 0 (default). The linear sweep ramp rate timer is
loaded only upon timeout (timer = 1) and is not loaded due to
an I/O UPDATE input signal.
CFR1<15> = 1. The linear sweep ramp rate timer is loaded
upon timeout (timer == 1) or at the time of an I/O UPDATE
input signal.
CFR1<14>: Auto Clear Frequency Accumulator Bit
CFR1<14> = 0 (default). The current state of the frequency
accumulator remains unchanged when the delta frequency
word is changed.
CFR1<14> = 1. This bit automatically synchronously clears
(loads 0s into) the frequency accumulator for one cycle upon
reception of an I/O UPDATE signal.
CFR1<13>: Auto-Clear Phase Accumulator Bit
CFR1<13> = 0 (default), the current state of the phase accumu-
lator remains unchanged when the frequency tuning word is
applied.
CFR1<13> = 1. This bit automatically synchronously clears
(loads 0s into) the phase accumulator for one cycle upon recep-
tion of an I/O UPDATE signal.
CFR1<12>: Sine/Cosine Select Bit
CFR1<12> = 0 (default). The angle-to-amplitude conversion
logic employs a COSINE function.
CFR1<12> = 1. The angle-to-amplitude conversion logic
employs a SINE function.
CFR1<11>: Clear Frequency Accumulator
CFR1<11> = 0 (default). The frequency accumulator functions
as normal.
CFR1<11> = 1. The frequency accumulator memory elements
are cleared and held clear until this bit is cleared.
CFR1<10>: Clear Phase Accumulator
CFR1<10> = 0 (default). The phase accumulator functions as
normal.
CFR1<10> = 1. The phase accumulator memory elements are
cleared and held clear until this bit is cleared.
CFR1<9>: SDIO Input Only
CFR1<9> = 0 (default). The SDIO pin has bidirectional opera-
tion (2-wire serial programming mode).
CFR1<9> = 1. The serial data I/O pin (SDIO) is configured as
an input only pin (3-wire serial programming mode).
CFR1<8>: LSB First
CFR1<8> = 0 (default). MSB first format is active.
CFR1<8> = 1.The serial interface accepts serial data in LSB first
format.
CFR1<7>: Digital Power-Down Bit
CFR1<7> = 0 (default). All digital functions and clocks are ac-
tive.
CFR1<7> = 1. All non-IO digital functionality is suspended,
lowering the power significantly.
CFR1<6>: Comparator Power-Down Bit
CFR1<6> = 0 (default). The comparator is enabled for opera-
tion.
CFR1<6> = 1. The comparator is disabled and is in its lowest
power dissipation state.
CFR1<5>: DAC Power-Down Bit
CFR1<5> = 0 (default). The DAC is enabled for operation.
CFR1<5> = 1. The DAC is disabled and is in its lowest power
dissipation state.
CFR1<4>: Clock Input Power-Down Bit
CFR1<4> = 0 (default). The clock input circuitry is enabled for
operation.
CFR1<4> = 1. The clock input circuitry is disabled and the
device is in its lowest power dissipation state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com