Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9954/PCB
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9954/PCB Datasheet HTML 13Page - Analog Devices AD9954/PCB Datasheet HTML 14Page - Analog Devices AD9954/PCB Datasheet HTML 15Page - Analog Devices AD9954/PCB Datasheet HTML 16Page - Analog Devices AD9954/PCB Datasheet HTML 17Page - Analog Devices AD9954/PCB Datasheet HTML 18Page - Analog Devices AD9954/PCB Datasheet HTML 19Page - Analog Devices AD9954/PCB Datasheet HTML 20Page - Analog Devices AD9954/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD9954
Rev. 0 | Page 17 of 36
Table 8. Register Map–When Linear Sweep Enable Bit Is True (CFR1<21> = 1).
Note that the RAM enable Bit CFR1<31> only activates the RAM itself not the RAM segment control words.
Register
Name
(Serial
Address)
Bit Range
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
OR
Profile
<7:0>
Digital
Power-
Down
Comp
Power-
Down
DAC
Power-
Down
Clock
Input
Power
Dwn
External
Power-
Down
Mode
CRYSTAL
OUT Pin
Active
SYNC_CLK
Out
Disable
Not
Used
0x00
<15:8>
Load SRR
@ I/O UD
AutoClr
Freq.
Accum
AutoClr
Phase
Accum
Enable
SINE
Output
Clear
Freq
Accum.
Clear
Phase
Accum.
SDIO
Input
Only
LSB First
0x00
<23:16>
Automatic
Sync
Enable
Software
Manual
Sync
Linear
Sweep
Enable
Not Used
Not
Used
Not Used
Not Used
Not
Used
0x00
Control
Function
Register No.
1 (CFR1)
(0x00)
<31:24>
RAM
Enable
RAM
Dest. Is
Phase
Word
Internal Profile Control <2:0>
Load ARR
@ I/O UD
Output
Shaped
Keying
Enable
Auto
Output
Shaped
Keying
0x00
<7:0>
REFCLK Multiplier
0x00 or 0x1 or 0x02 or 0x03: Bypass Multiplier
0x04 to 0x14: 4× to 20× Multiplication
VCO
Range
Charge Pump Current
<1:0>
0x00
<15:8>
Not Used
High
Speed
Sync
Enable
Hardware
Manual
Sync
Enable
CRYSTAL
OUT Pin
Active
Not
Used
0x00
Control
Function
Register No.
2 (CFR2)
(0x01)
<23:16>
Not Used
0x00
<7:0>
(0x07)
Amplitude Scale Factor Register <7:0>
Amplitude
Scale Factor
(ASF) (0x02)
<15:8>
Auto Ramp Rate
Speed Control <1:0>
Amplitude Scale Factor Register <13:8>
Amplitude
Ramp Rate
(ARR) (0x03)
<7:0>
Amplitude Ramp Rate Register <7:0>
<7:0>
Frequency Tuning Word No. 0 <7:0>
0x00
<15:8>
Frequency Tuning Word No. 0 <15:8>
0x00
<23:16>
Frequency Tuning Word No. 0 <23:16>
0x00
Frequency
Tuning
Word
(FTW0)
(0x04)
<31:24>
Frequency Tuning Word No. 0 <31:24>
0x00
<7:0>
Phase Offset Word No. 0 <7:0>
0x00
Phase Offset
Word
(POW0)
(0x05)
<15:8>
Open<1:0>
Phase Offset Word No. 0 <13:8>
0x00
<7:0>
Frequency Tuning Word No. 1 <7:0>
<15:8>
Frequency Tuning Word No. 1 <15:8>
<23:16>
Frequency Tuning Word No. 1 <23:16>
Frequency
Tuning
Word
(FTW1)
(0x06)
<31:24>
Frequency Tuning Word No. 1 <31:24>
<7:0>
Falling Delta Frequency Tuning Word <7:0>
PS0 = 0
<15:8>
Falling Delta Frequency Tuning Word <15:8>
PS0 = 0
<23:16>
Falling Delta Frequency Tuning Word <23:16>
PS0 = 0
<31:24>
Falling Delta Frequency Tuning Word <31:24>
PS0 = 0
Negative
Linear
Sweep
Control
Word
(NLSCW)
(0x07)
<39:32>
Falling Sweep Ramp Rate Word <7:0>
PS0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com