Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9985/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9985/PCB Datasheet HTML 9Page - Analog Devices AD9985/PCB Datasheet HTML 10Page - Analog Devices AD9985/PCB Datasheet HTML 11Page - Analog Devices AD9985/PCB Datasheet HTML 12Page - Analog Devices AD9985/PCB Datasheet HTML 13Page - Analog Devices AD9985/PCB Datasheet HTML 14Page - Analog Devices AD9985/PCB Datasheet HTML 15Page - Analog Devices AD9985/PCB Datasheet HTML 16Page - Analog Devices AD9985/PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9985
Rev. 0 | Page 13 of 32
offset errors in its own ADC channels as well as any offset
errors present on the incoming graphics or video signals.
To activate the auto-offset mode, set Register 1Dh, Bit 7 to 1.
Next, the target code registers (19h through 1Bh) must be
programmed. The values programmed into the target code
registers should be the output code desired from the AD9985
during the back porch reference time. For example, for RGB
signals, all three registers would normally be programmed to
code 1, while for YPbPr signals the green (Y) channel would
normally be programmed to code 1 and the blue and red
channels (Pb and Pr) would normally be set to 128. Any target
code value between 1 and 254 can be set, although the AD9985’s
offset range may not be able to reach every value. Intended
target code values range from (but are not limited to) 1 to 40
when ground clamping and 90 to 170 when midscale clamping.
The ability to program a target code for each channel gives
users a large degree of freedom and flexibility. While in most
cases all channels will be set to either 1 or 128, the flexibility to
select other values allows for the possibility of inserting
intentional skews between channels. It also allows for the ADC
range to be skewed so that voltages outside of the normal range
can be digitized. (For example, setting the target code to 40
would allow the sync tip, which is normally below black level, to
be digitized and evaluated.)
Lastly, when in auto offset mode, the manual offset registers
(0Bh to 0Dh) have new functionality. The values in these
registers are digitally added to the value of the ADC output. The
purpose of doing this is to match a benefit that is present with
manual offset adjustment. Adjusting these registers is an easy
way to make brightness adjustments. Although some signal
range is lost with this method, it has proven to be a very popular
function. In order to be able to increase and decrease brightness,
the values in these registers in this mode are signed twos
complement. The digital adder is used only when in auto offset
mode. Although it cannot be disabled, setting the offset registers
to all 0’s will effectively disable it by always adding 0.
SYNC-ON-GREEN
The Sync-on-Green input operates in two steps. First, it sets a
baseline clamp level off of the incoming video signal with a
negative peak detector. Second, it sets the sync trigger level to a
programmable level (typically 150 mV) above the negative peak.
The Sync-on-Green input must be ac-coupled to the Green
analog input through its own capacitor, as shown in Figure 5.
The value of the capacitor must be 1 nF ±20%. If Sync-on-
Green is not used, this connection is not required. Note that the
Sync-on-Green signal is always negative polarity.
RAIN
BAIN
GAIN
SOG
47nF
47nF
47nF
1nF
Figure 5. Typical Clamp Configuration
CLOCK GENERATION
A phase-locked loop (PLL) is employed to generate the pixel
clock. In this PLL, the Hsync input provides a reference
frequency. A voltage controlled oscillator (VCO) generates a
much higher pixel clock frequency. This pixel clock is divided
by the PLL divide value (Registers 01H and 02H) and phase
compared with the Hsync input. Any error is used to shift the
VCO frequency and maintain lock between the two signals.
The stability of this clock is a very important element in
providing the clearest and most stable image. During each pixel
time, there is a period during which the signal is slewing from
the old pixel amplitude and settling at its new value. Then there
is a time when the input voltage is stable, before the signal must
slew to a new value (Figure 6). The ratio of the slewing time to
the stable time is a function of the bandwidth of the graphics
DAC and the bandwidth of the transmission system (cable and
termination). It is also a function of the overall pixel rate.
Clearly, if the dynamic characteristics of the system remain
fixed, the slewing and settling time is likewise fixed. This time
must be subtracted from the total pixel period, leaving the stable
period. At higher pixel frequencies, the total cycle time is
shorter, and the stable pixel time becomes shorter as well.
PIXEL CLOCK
INVALID SAMPLE TIMES
Figure 6. Pixel Sampling Times
Any jitter in the clock reduces the precision with which the
sampling time can be determined, and must also be subtracted
from the stable pixel time.
Considerable care has been taken in the design of the AD9985’s
clock generation circuit to minimize jitter. As indicated in
Figure 7, the clock jitter of the AD9985 is less than 5% of the
total pixel time in all operating modes, making the reduction in
the valid sampling time due to jitter negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com