Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985/PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9985/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985/PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9985/PCB Datasheet HTML 23Page - Analog Devices AD9985/PCB Datasheet HTML 24Page - Analog Devices AD9985/PCB Datasheet HTML 25Page - Analog Devices AD9985/PCB Datasheet HTML 26Page - Analog Devices AD9985/PCB Datasheet HTML 27Page - Analog Devices AD9985/PCB Datasheet HTML 28Page - Analog Devices AD9985/PCB Datasheet HTML 29Page - Analog Devices AD9985/PCB Datasheet HTML 30Page - Analog Devices AD9985/PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD9985
Rev. 0 | Page 27 of 32
Data is read from the control registers of the AD9985 in a
similar manner. Reading requires two data transfer operations:
The base address must be written with the R/W bit of the slave
address byte low to set up a sequential read operation.
Reading (the R/W bit of the slave address byte high) begins at
the previously established base address. The address of the read
register autoincrements after each byte is transferred.
To terminate a read/write sequence to the AD9985, a stop signal
must be sent. A stop signal comprises a low-to-high transition
of SDA while SCL is high.
A repeated start signal occurs when the master device driving
the serial interface generates a start signal without first
generating a stop signal to terminate the current communi-
cation. This is used to change the mode of communication
(read, write) between the slave and master without releasing the
serial interface lines.
Serial Interface Read/Write Examples
Write to one control register
•
Start Signal
•
Slave Address Byte (R/W Bit = Low)
•
Base Address Byte
•
Data Byte to Base Address
•
Stop Signal
Write to four consecutive control registers
•
Start Signal
•
Slave Address Byte (R/W Bit = Low)
•
Base Address Byte
•
Data Byte to Base Address
•
Data Byte to (Base Address + 1)
•
Data Byte to (Base Address + 2)
•
Data Byte to (Base Address + 3)
•
Stop Signal
Read from one control register
•
Start Signal
•
Slave Address Byte (R/W Bit = Low)
•
Base Address Byte
•
Start Signal
•
Slave Address Byte (R/W Bit = High)
•
Data Byte from Base Address
•
Stop Signal
Read from four consecutive control registers
•
Start Signal
•
Slave Address Byte (R/W Bit = Low)
•
Base Address Byte
•
Start Signal
•
Slave Address Byte (R/W Bit = High)
•
Data Byte from Base Address
•
Data Byte from (Base Address + 1)
•
Data Byte from (Base Address + 2)
•
Data Byte from (Base Address + 3)
•
Stop Signal
BIT 7
ACK
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SDA
SCL
Figure 13. Serial Interface—Typical Byte Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com