Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9985/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9985/PCB Datasheet HTML 15Page - Analog Devices AD9985/PCB Datasheet HTML 16Page - Analog Devices AD9985/PCB Datasheet HTML 17Page - Analog Devices AD9985/PCB Datasheet HTML 18Page - Analog Devices AD9985/PCB Datasheet HTML 19Page - Analog Devices AD9985/PCB Datasheet HTML 20Page - Analog Devices AD9985/PCB Datasheet HTML 21Page - Analog Devices AD9985/PCB Datasheet HTML 22Page - Analog Devices AD9985/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9985
Rev. 0 | Page 19 of 32
2-WIRE SERIAL CONTROL REGISTER DETAIL CHIP
IDENTIFICATION
00
7–0
Chip Revision
An 8-bit register that represents the silicon revision.
PLL DIVIDER CONTROL
01
7–0
PLL Divide Ratio MSBs
The 8 most significant bits of the 12-bit PLL divide
ratio PLLDIV. The operational divide ratio is
PLLDIV + 1.
The PLL derives a master clock from an incoming
Hsync signal. The master clock frequency is then
divided by an integer value, such that the output is
phase-locked to Hsync. This PLLDIV value
determines the number of pixel times (pixels plus
horizontal blanking overhead) per line. This is
typically 20% to 30% more than the number of active
pixels in the display.
The 12-bit value of the PLL divider supports divide
ratios from 2 to 4095. The higher the value loaded in
this register, the higher the resulting clock frequency
with respect to a fixed Hsync frequency.
VESA has established some standard timing
specifications that assist in determining the value for
PLLDIV as a function of horizontal and vertical
display resolution and frame rate (Table 9).
However, many computer systems do not conform
precisely to the recommendations, and these numbers
should be used only as a guide. The display system
manufacturer should provide automatic or manual
means for optimizing PLLDIV. An incorrectly set
PLLDIV will usually produce one or more vertical
noise bars on the display. The greater the error, the
greater the number of bars produced.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 69H, PLLDIVL = DxH).
The AD9985 updates the full divide ratio only when
the LSBs are changed. Writing to the MSB by itself will
not trigger an update.
02
7–4
PLL Divide Ratio LSBs
The 4 least significant bits of the 12-bit PLL divide
ratio PLLDIV. The operational divide ratio is
PLLDIV + 1.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 69H, PLLDIVL = DxH). The AD9985
updates the full divide ratio only when this register is
written to.
CLOCK GENERATOR CONTROL
03
7–6
VCO Range Select
Two bits that establish the operating range of the clock
generator.
VCORNGE must be set to correspond with the
desired operating frequency (incoming pixel rate).
The PLL gives the best jitter performance at high
frequencies. For this reason, to output low pixel rates
and still get good jitter performance, the PLL actually
operates at a higher frequency but then divides down
the clock rate afterwards.
Table 11 shows the pixel rates for each VCO range setting. The
PLL output divisor is automatically selected with the
VCO range setting.
Table 11. VCO Ranges
Pixel Clock Range (MHz)
PV1
PV0
AD9985KSTZ
AD9985BSTZ
0
0
12–32
12–30
0
1
32–64
30–60
1
0
64–110
60–110
1
1
110–140
The power-up default value is 01.
03
5–3
CURRENT Charge Pump Current
Three bits that establish the current driving the loop
filter in the clock generator.
Table 12. Charge Pump Currents
CURRENT
Current (µA)
000
50
001
100
010
150
011
250
100
350
101
500
110
750
111
1500
CURRENT must be set to correspond with the desired
operating frequency (incoming pixel rate).
The power-up default value is current = 001.
04
7–3
Clock Phase Adjust
A 5-bit value that adjusts the sampling phase in 32
steps across one pixel time. Each step represents an
11.25° shift in sampling phase.
The power-up default value is 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com