Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390D Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390D
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390D Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP8390D Datasheet HTML 26Page - National Semiconductor (TI) DP8390D Datasheet HTML 27Page - National Semiconductor (TI) DP8390D Datasheet HTML 28Page - National Semiconductor (TI) DP8390D Datasheet HTML 29Page - National Semiconductor (TI) DP8390D Datasheet HTML 30Page - National Semiconductor (TI) DP8390D Datasheet HTML 31Page - National Semiconductor (TI) DP8390D Datasheet HTML 32Page - National Semiconductor (TI) DP8390D Datasheet HTML 33Page - National Semiconductor (TI) DP8390D Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
110 Initialization Procedures
(Continued)
Before receiving packets the user must specify the location
of the Receive Buffer Ring This is programmed in the Page
Start and Page Stop Registers In addition the Boundary
and Current Page Registers must be initialized to the value
of the Page Start Register These registers will be modified
during reception of packets
120 Loopback Diagnostics
Three forms of local loopback are provided on the NIC The
user has the ability to loopback through the deserializer on
the DP8390D NIC through the DP8391 SNI and to the coax
to check the link through the transceiver circuitry Because
of the half duplex architecture of the NIC loopback
testing is a special mode of operation with the follow-
ing restrictions
Restrictions During Loopback
The FIFO is split into two halves one used for transmission
the other for reception Only 8-bit fields can be fetched from
memory so two tests are required for 16-bit systems to veri-
fy integrity of the entire data path During loopback the maxi-
mum latency from the assertion of BREQ to BACK is 20 ms
Systems that wish to use the loopback test yet do not meet
this latency can limit the loopback packet to 7 bytes without
experiencing underflow Only the last 8 bytes of the loop-
back packet are retained in the FIFO The last 8 bytes can
be read through the FIFO register which will advance
through the FIFO to allow reading the receive packet se-
quentially
DESTINATION ADDRESS
e
(6 bytes) Station Physical Address
SOURCE ADDRESS
l
LENGTH
2 bytes
DATA
e
46 to 1500 bytes
CRC
Appended by NIC if CRC e ‘‘0’’ in TCR
When in word-wide mode with Byte Order Select set the
loopback packet must be assembled in the even byte loca-
tions as shown below (The loopback only operates with
byte wide transfers)
TLF8582 – 15
When in word-wide mode with Byte Order Select low the
following format must be used for the loopback packet
TLF8582 – 16
Note
When using loopback in word mode 2n bytes must be programmed in
TBCR0 1 Where n e actual number of bytes assembled in even or
odd location
To initiate a loopback the user first assembles the loopback
packet then selects the type of loopback using the Transmit
Configuration register bits LB0 LB1 The transmit configura-
tion register must also be set to enable or disable CRC gen-
eration during transmission The user then issues a normal
transmit command to send the packet During loopback the
receiver checks for an address match and if CRC bit in the
TCR is set the receiver will also check the CRC The last 8
bytes of the loopback packet are buffered and can be read
out of the FIFO using the FIFO read port
Loopback Modes
MODE 1 Loopback Through the Controller (LB1 e 0 LB0
e
1)
If the loopback is through the NIC then the serializer is sim-
ply linked to the deserializer and the receive clock is derived
from the transmit clock
MODE 2 Loopback Through the SNI (LB1 e 1 LB0 e 0)
If the loopback is to be performed through the SNI the NIC
provides a control (LPBK) that forces the SNI to loopback
all signals
MODE 3 Loopback to Coax (LB1 e 1 LB0 e 1)
Packets can be transmitted to the coax in loopback mode to
check all of the transmit and receive paths and the coax
itself
Note
In MODE 1 CRS and COL lines are not indicated in any status regis-
ter but the NIC will still defer if these lines are active In MODE 2
COL is masked and in MODE 3 CRS and COL are not masked It is
not possible to go directly between the loopback modes it is neces-
sary to return to normal operation (00H) when changing modes
Reading the Loopback Packet
The last eight bytes of a received packet can be examined
by 8 consecutive reads of the FIFO register The FIFO
pointer is incremented after the rising edge of the CPU’s
read strobe by internally synchronizing and advancing the
pointer This may take up to four bus clock cycles if the
pointer has not been incremented by the time the CPU
reads the FIFO register again the NIC will insert wait states
Note
The FIFO may only be read during Loopback Reading the FIFO at
any other time will cause the NIC to malfunction
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com